Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60L5 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC563M60L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 19Page - STMicroelectronics SPC563M60L5 Datasheet HTML 20Page - STMicroelectronics SPC563M60L5 Datasheet HTML 21Page - STMicroelectronics SPC563M60L5 Datasheet HTML 22Page - STMicroelectronics SPC563M60L5 Datasheet HTML 23Page - STMicroelectronics SPC563M60L5 Datasheet HTML 24Page - STMicroelectronics SPC563M60L5 Datasheet HTML 25Page - STMicroelectronics SPC563M60L5 Datasheet HTML 26Page - STMicroelectronics SPC563M60L5 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
DocID14642 Rev 12
23/128
SPC563M64x, SPC563M60x
Overview
127
3 modes of operation
–
Bypass mode with PLL off
–
Bypass mode with PLL running (default mode out of reset)
–
PLL normal mode
Each of the three modes may be run with a crystal oscillator or an external clock
reference
Programmable frequency modulation
–
Modulation enabled/disabled through software
–
Triangle wave modulation up to 100 kHz modulation frequency
–
Programmable modulation depth (0% to 2% modulation depth)
–
Programmable modulation frequency dependent on reference frequency
Lock detect circuitry reports when the PLL has achieved frequency lock and
continuously monitors lock status to report loss of lock conditions
Clock Quality Module
–
detects the quality of the crystal clock and cause interrupt request or system reset
if error is detected
–
detects the quality of the PLL output clock. If an error is detected, causes a system
reset or switches the system clock to the crystal clock and causes an interrupt
request
Programmable interrupt request or system reset on loss of lock
2.3.6
Calibration EBI
The Calibration EBI controls data transfer across the crossbar switch to/from memories or
peripherals attached to the calibration tool connector in the calibration address space. The
Calibration EBI is only available in the calibration tool. The Calibration EBI includes a
memory controller that generates interface signals to support a variety of external
memories. The Calibration EBI memory controller supports legacy flash, SRAM, and
asynchronous memories. In addition, the calibration EBI supports up to three regions via
chip selects (two chip selects are multiplexed with two address bits), along with
programmed region-specific attributes. The calibration EBI supports the following features:
22-bit address bus (two most significant signals multiplexed with two chip selects)
16-bit data bus
Multiplexed mode with addresses and data signals present on the data lines
Note:
The calibration EBI must be configured in multiplexed mode when the extended Nexus trace
is used on the calibration tool. This is because Nexus signals and address lines of the
calibration bus share the same balls in the calibration package.
Memory controller with support for various memory types:
–
Asynchronous/legacy flash and SRAM
Bus monitor
–
User selectable
–
Programmable timeout period (with 8 external bus clock resolution)
Configurable wait states (via chip selects)
3 chip-select (Cal_CS[0], Cal_CS[2:3]) signals (Multiplexed with 2 most significant
address signals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com