Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60L5 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC563M60L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 80Page - STMicroelectronics SPC563M60L5 Datasheet HTML 81Page - STMicroelectronics SPC563M60L5 Datasheet HTML 82Page - STMicroelectronics SPC563M60L5 Datasheet HTML 83Page - STMicroelectronics SPC563M60L5 Datasheet HTML 84Page - STMicroelectronics SPC563M60L5 Datasheet HTML 85Page - STMicroelectronics SPC563M60L5 Datasheet HTML 86Page - STMicroelectronics SPC563M60L5 Datasheet HTML 87Page - STMicroelectronics SPC563M60L5 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
84/128
DocID14642 Rev 12
IDD+IDDPLL
(16)
CC
P
Operating current
1.2 V supplies
VDD = 1.32 V,
80 MHz
—
—
195
mA
CC
P
VDD = 1.32 V,
64 MHz
—
—
135
CC
P
VDD = 1.32 V,
40 MHz
——
98
IDDSTBY
CC
T
Operating current 1 V
supplies
TJ = 25
oC—
—
80
µA
CC
T
TJ = 55
oC
—
—
100
µA
IDDSTBY150
CC
P Operating current
TJ=150
oC
—
—
700
A
IDDSLOW
IDDSTOP
CC
PVDD low-power mode
operating current @
1.32 V
Slow mode(17)
——
50
mA
C
Stop mode(18)
——
50
IDD33
CC
T
Operating current
3.3 V supplies @
80 MHz
VRC33
(2),(19)
——
70
mA
IDDA
IREF
IDDREG
CC
P
Operating current
5.0 V supplies @
80 MHz
VDDA
——
30
mA
P
Analog
reference
supply current
——
1.0
CVDDREG
——
70
IDDH1
IDDH6
IDDH7
IDDH9
IDD12
CC
D
Operating current
VDDE
(20) supplies @
80 MHz
VDDEH1
——
See note (20)
mA
DVDDEH6
——
DVDDEH7
——
DVDDEH9
——
DVDDE12
——
IACT_S
CC
C Slow/medium I/O
weak pull up/down
current(21)
3.0 V – 3.6 V
15
—
95
A
P
4.75 V – 5.25 V
35
—
200
IACT_F
CC
D
Fast I/O weak pull
up/down current(21)
1.62 V – 1.98 V
36
—
120
A
D
2.25 V – 2.75 V
34
—
139
D
3.0 V – 3.6 V
42
—
158
IACT_MV_PU
CC
C Multi-voltage pad
weak pullup current
VDDEH=
3.0–3.6 V(8),
pad_multv_hv,
all process
corners,
high swing
mode only
10
—
75
A
P
4.75 V – 5.25 V
25
—
200
Table 23. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com