Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60L5 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC563M60L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 12Page - STMicroelectronics SPC563M60L5 Datasheet HTML 13Page - STMicroelectronics SPC563M60L5 Datasheet HTML 14Page - STMicroelectronics SPC563M60L5 Datasheet HTML 15Page - STMicroelectronics SPC563M60L5 Datasheet HTML 16Page - STMicroelectronics SPC563M60L5 Datasheet HTML 17Page - STMicroelectronics SPC563M60L5 Datasheet HTML 18Page - STMicroelectronics SPC563M60L5 Datasheet HTML 19Page - STMicroelectronics SPC563M60L5 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
16/128
DocID14642 Rev 12
– Instruction set enhancements for smaller more flexible code generation
– Programmable channel mode for customization of channel operation
Enhanced queued A/D converter (eQADC)
–
Two independent on-chip redundant signed digit (RSD) cyclic ADCs
8-, 10-, and 12-bit resolution
– Differential conversions
– Targets up to 10-bit accuracy at 500 KSample/s (ADC_CLK = 7.5 MHz) and
8-bit accuracy at 1 MSample/s (ADC_CLK = 15 MHz) for differential
conversions
– Differential channels include variable gain amplifier (VGA) for improved
dynamic range (
1; 2; 4)
– Differential channels include programmable pull-up and pull-down resistors
for biasing and sensor diagnostics (200 k
; 100 k; low value of 5 k)
– Single-ended signal range from 0 to 5 V
– Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
– Provides time stamp information when requested
– Parallel interface to eQADC command FIFOs (CFIFOs) and result FIFOs
(RFIFOs)
– Supports both right-justified unsigned and signed formats for conversion
results
– Temperature sensor to enable measurement of die temperature
– Ability to measure all power supply pins directly
–
Automatic application of ADC calibration constants
– Provision of reference voltages (25% VREF and 75% VREF) for ADC
calibration purposes
–
Up to 34(b) input channels available to the two on-chip ADCs
–
Four pairs of differential analog input channels
–
Full duplex synchronous serial interface to an external device
– Has a free-running clock for use by the external device
– Supports a 26-bit message length
– Transmits a null message when there are no triggered CFIFOs with
commands bound for external CBuffers, or when there are triggered CFIFOs
with commands bound for external CBuffers but the external CBuffers are full
–
Parallel Side Interface to communicate with an on-chip companion module
–
Zero jitter triggering for queue 0. (Queue 0 trigger causes current conversion to be
aborted and the queued conversions in the CBUFFER to be bypassed. Delay from
Trigger to start of conversion is 13 system clocks + 1 ADC clock.)
–
eQADC Result Streaming. Generation of a continuous stream of ADC conversion
results from a single eQADC command word. Controlled by two different trigger
signals; one to define the rate at which results are generated and the other to
define the beginning and ending of the stream. Used to digitize waveforms during
specific time/angle windows, e.g., engine knock sensor sampling.
b.
176-pin package has 34 input channels; 144-pin package has 32 input channels; 100-pin package has 23 input
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com