Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30X Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 51Page - STMicroelectronics SPC560D30X Datasheet HTML 52Page - STMicroelectronics SPC560D30X Datasheet HTML 53Page - STMicroelectronics SPC560D30X Datasheet HTML 54Page - STMicroelectronics SPC560D30X Datasheet HTML 55Page - STMicroelectronics SPC560D30X Datasheet HTML 56Page - STMicroelectronics SPC560D30X Datasheet HTML 57Page - STMicroelectronics SPC560D30X Datasheet HTML 58Page - STMicroelectronics SPC560D30X Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
DS6494 Rev 8
55/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
4.17
ADC electrical characteristics
4.17.1
Introduction
The device provides a 12-bit Successive Approximation Register (SAR) analog-to-digital
converter.
Table 40. Slow internal RC oscillator (128 kHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fSIRC
CC P Slow internal RC oscillator low
frequency
TA = 25 °C, trimmed
—
128
—
kHz
SR —
—
100
—
150
ISIRC(2)
CC C
Slow internal RC oscillator low
frequency current
TA = 25 °C, trimmed
—
—
5
µA
tSIRCSU
CC P
Slow internal RC oscillator start-
up time
TA = 25 °C, VDD = 5.0 V±10%
—
8
12
µs
SIRCPRE CC C
Slow internal RC oscillator
precision after software trimming
of fSIRC
TA = 25 °C
2—
2
%
SIRCTRIM CC C
Slow internal RC oscillator
trimming step
——
2.7
—
SIRCVAR CC P
Slow internal RC oscillator
variation in temperature and
supply with respect to fSIRC at
TA = 55°C in high frequency
configuration
High frequency configuration
10
—
10
%
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2. This does not include consumption linked to clock tree toggling and peripherals consumption when RC oscillator is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com