Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D30X Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 7Page - STMicroelectronics SPC560D30X Datasheet HTML 8Page - STMicroelectronics SPC560D30X Datasheet HTML 9Page - STMicroelectronics SPC560D30X Datasheet HTML 10Page - STMicroelectronics SPC560D30X Datasheet HTML 11Page - STMicroelectronics SPC560D30X Datasheet HTML 12Page - STMicroelectronics SPC560D30X Datasheet HTML 13Page - STMicroelectronics SPC560D30X Datasheet HTML 14Page - STMicroelectronics SPC560D30X Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
DS6494 Rev 8
11/82
SPC560D30x, SPC560D40x
Package pinouts and signal descriptions
77
3.4
Pad types
In the device the following types of pads are available for system pins and functional port
pins:
S = Slow (1)
M = Medium (1) (2)
F = Fast (1) (2)
I = Input only with analog feature (1)
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
3.5
System pins
The system pins are listed in Table 5.
Table 4. Voltage supply pin descriptions
Port pin
Function
Pin number
LQFP64
LQFP100
VDD_HV Digital supply voltage
7, 28, 34, 56
15, 37, 52, 70, 84
VSS_HV Digital ground
6, 8, 26, 33, 55
14, 16, 35, 51, 69, 83
VDD_LV
1.2 V decoupling pins. Decoupling capacitor must be
connected between these pins and the nearest VSS_LV
pin(1)
11, 23, 57
19, 32, 85
VSS_LV
1.2 V decoupling pins. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV
pin(1)
10, 24, 58
18, 33, 86
VDD_BV Internal regulator supply voltage
12
20
1. A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable voltage
(refer the Section 4.5: Recommended operating conditions in the device datasheet for details).
1. Refer, Section 4.7: I/O pad electrical characteristics in the device datasheet for details.
2. All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium
(see the PCR[SRC] description in the device reference manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com