Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60L7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 119Page - STMicroelectronics SPC563M60L7 Datasheet HTML 120Page - STMicroelectronics SPC563M60L7 Datasheet HTML 121Page - STMicroelectronics SPC563M60L7 Datasheet HTML 122Page - STMicroelectronics SPC563M60L7 Datasheet HTML 123Page - STMicroelectronics SPC563M60L7 Datasheet HTML 124Page - STMicroelectronics SPC563M60L7 Datasheet HTML 125Page - STMicroelectronics SPC563M60L7 Datasheet HTML 126Page - STMicroelectronics SPC563M60L7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 128 page
background image
DocID14642 Rev 12
123/128
SPC563M64x, SPC563M60x
Revision history
127
15-Apr-2010
5
Updates to features list:
– MMU is 16-entry (previously noted as 8-entry)
– ECSM features include single-bit error correction reporting
– eTPU2 is object code compatible with previous eTPU versions
Updates to feature details:
– Programming feature: eTPU2 channel flags can be tested
Pinout/ballmap changes:
100 pin LQFP package:
– Pin 31 is now VDDEH1B (was VDDEH4A)
– Pin 43 is now VDDEH6A (was VDDEH4B)
144 pin LQFP package:
– Pin 46 is now VDDEH1B (was VDDEH4A)
– Pin 61 is now VDDEH6A (was VDDEH4B)
176 pin LQFP package (1.5M devices)
– Pin 55 is now VDDEH1B (was VDDEH4A)
– Pin 74 is now VDDEH6A (was VDDEH4B)
176 pin LQFP package (1.5M devices)
– Pin 55 is now VDDEH1B (was VDDEH4A)
– Pin 74 is now VDDEH6A (was VDDEH4B)
208 ball BGA package (all devices)
Ball N9 changed to NC (no connect) (was VDDEH6)
Changes to calibration ball names on devices with 1 MB Flash memory:
– CAL_MDO0 changed to ALT_MDO0
– CAL_MDO1 changed to ALT_MDO1
– CAL_MDO2 changed to ALT_MDO2
– CAL_MDO3 changed to ALT_MDO3
– CAL_MSEO0 changed to ALT_MSEO0
– CAL_MSEO1 changed to ALT_MSEO1
– CAL_EVTI changed to ALT_EVTI
– CAL_EVTO changed to ALT_EVTO
– CAL_MCKO changed to ALT_MCKO
Power/ground segment changes:
– The following pins are on VDDE7 I/O segment only on the 208-ball BGA package:
ALT_MDO[0:3], ALT_MSEO[0:1], ALT_EVTI, ALT_EVTO, ALT_MCKO.
– Power segments VDDEH4, VDDEH4A and VDDEH4B have been removed.
CLKOUT power segment is VDDE5 (was VDDE12)
Thermal characteristics for 176-pin LQFP updated (all parameter values)
PMC Operating conditions and external regulators supply voltage specifications
updated
Table 45. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com