Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 101Page - STMicroelectronics L99LDLH32 Datasheet HTML 102Page - STMicroelectronics L99LDLH32 Datasheet HTML 103Page - STMicroelectronics L99LDLH32 Datasheet HTML 104Page - STMicroelectronics L99LDLH32 Datasheet HTML 105Page - STMicroelectronics L99LDLH32 Datasheet HTML 106Page - STMicroelectronics L99LDLH32 Datasheet HTML 107Page - STMicroelectronics L99LDLH32 Datasheet HTML 108Page - STMicroelectronics L99LDLH32 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 142 page
background image
DS12879 Rev 6
105/142
L99LDLH32
FTP and RAM memory mapping
141
15
WD_FAIL
0
Watchdog fail:
0: Watchdog Trigger bit toggled within WD_CONF timeout
period - watchdog fail
1: Watchdog Trigger bit not toggled within WD_CONF timeout
period - devices enters Fail Safe / Stand Alone Mode
WD_FAIL bit is Read & Clear bit - after its latch, a Clear
command needs to be unlatched.
14
VS_UV
0
VS undervoltage Fault bit:
0: VS>VS_UV
1: VS<VS_UV
13-12
WD_STATUS
00
Watchdog Status bits:
00: 0% < Timer status < 24%
01: 24% < Timer status < 50%
01: 50% < Timer status < 74%
11: Timer Status > 74%
11
0
Not used
10
DIN_STATUS
0
Direct Input Status bit:
0: low logical level at DIN
1: high logical level at DIN
9NTC_FAULT
0
NTC Fault Status bit:
0: no short circuit fault detected on NTC: VNTC > VNTC_SHT
1: short circuit fault detected on NTC: VNTC < VNTC_SHT
8NTC_DER_ACT
0
NTC Derating Active bit Status bit:
0: VNTC > VNTC_TH, no derating active
1: VNTC< VNTC_TH, NTC derating active
7OR_OL
0
OR combination of all channels´ Open Load Status Flags:
0: no open load is present on any active channel
1: open load present on an active channel
6OR_SHT
0
OR combination of all channels´ Short Circuit Status Flags:
0: no short circuit is present on any active channel
1: short circuit present on an active channel
5
OR_OUT_STATUS
0
OR combination of all channels´ Output Status Flags:
0: all output gate drivers are inactive
1: at least one output gate driver is active
4
OR_OUT_SHT_GND
0
OR combination of all channels´ Output Short to GND Status
Flags:
0: no short circuit to GND is present on any active channel
1: short circuit to GND is present on any active channel
3TW
0
Thermal Warning Status bit:
0: TJ < TTW - TTW_HYS, thermal warning not active
1: TJ > TTW, thermal warning active
Table 59. Device status 3 field description (continued)
Bit
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com