Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 28Page - STMicroelectronics L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics L99LDLH32 Datasheet HTML 35Page - STMicroelectronics L99LDLH32 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
Functional description
L99LDLH32
32/142
DS12879 Rev 6
As soon as the TJ drops below the thermal warning reset threshold (TTW-TTW_HYS), the
corresponding thermal warning status bit is automatically cleared.
Even if a temperature warning is detected, device as well as output channels are kept
functional.
5.3.4
Thermal shutdown
If the junction temperature of the L99LDLH32 rises above the shutdown temperature
threshold (TTSD), a thermal shutdown event is detected: all the output channels are switched off
and the thermal shutdown status bit (TSD – see RAM memory map, Chapter 7) is set. The
Fault pin is pulled low.
Thermal shutdown event is also reported in the Global Status Byte register, in particular
Functional Error 1 (FE1) bit is set.
As soon as the TJ drops below the thermal shutdown reset threshold (TTSD-TTSD_HYS), the
output channels are automatically re-activated. The corresponding thermal shutdown status
bit (TTSD) is automatically cleared as soon as TJ drops below the thermal shutdown reset
threshold, contemporarily to channel re-activation.
In case of thermal shutdown, device logic and state machine remain active.
5.3.5
LED current derating
In case of temperature increasing, the device performs an automatic LED current derating
based on the measurement of external NTC voltage as well as on the internal device
temperature (TJ).
An integrated thermal sensor is used to sense the device junction temperature (TJ) as well
as to detect thermal warning (TW) and thermal shutdown (TSD) thresholds, granting device
protection in case of temperature increasing. The sensed junction temperature (TJ) is
monitored by an 8-bit ADC with the aim of starting an automatic, downwards derating of the
LED string current as soon as the TTW - TTW_HYS threshold is reached. The derating ends
when the 50% of the nominal LED current is reached, which corresponds to TJ = 165°C.
The 8-bit ADC is also used to monitor the voltage on the NTC pin, where an external resistor
can be connected. If the monitored voltage – whose value depends on the temperature
detected by the NTC resistor itself - reaches the VNTC_TH threshold (programmable by 3
bits, see Table 78), a downwards derating of the LED string current automatically starts, till
50% of the nominal LED current is reached. This corresponds to a NTC temperature 20°C
higher than the one corresponding to VNTC_TH.
The monitoring of both TJ and NTC voltage is contemporarily active. The actual derating is
determined by the parameter which would require the most severe derating.
5.3.6
VS under voltage lockout
If the VS supply falls below VS under-voltage threshold (VS_UV), the device will be
deactivated - regardless of the operating mode – and the FAULT pin will be pulled low.
This feature is implemented, in order to avoid any operation outside the allowed VS
operating range.
If Supply under-voltage event is detected, the related flag (VS_UV – see RAM memory map,
Chapter 7
) is set and reported also in the Global Status Byte register, where Device Error
(DE) bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com