Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 37Page - STMicroelectronics L99LDLH32 Datasheet HTML 38Page - STMicroelectronics L99LDLH32 Datasheet HTML 39Page - STMicroelectronics L99LDLH32 Datasheet HTML 40Page - STMicroelectronics L99LDLH32 Datasheet HTML 41Page - STMicroelectronics L99LDLH32 Datasheet HTML 42Page - STMicroelectronics L99LDLH32 Datasheet HTML 43Page - STMicroelectronics L99LDLH32 Datasheet HTML 44Page - STMicroelectronics L99LDLH32 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
DS12879 Rev 6
41/142
L99LDLH32
Communication interface
141
6.2.2
Commander
Figure 14
shows the block diagram of the Commander as referred in Figure 13. The
protocol Commander uses a standard CAN FD protocol controller that may be already
implemented in the automotive microcontroller in hardware or software. An additional CAN
FD protocol extension software controls this protocol controller to make it act as CAN FD
Light compatible Commander and implements the Commander side of the CAN FD Light
compatible protocol.
To access the physical interface of the CAN FD network a standard CAN FD transceiver is
used.
Figure 14. Commander block diagram
Rear Light / Bus Commander (ECU)
MCU
CAN FD Light
Protocol Extension
(SW)
CAN FD
Protocol Controller
(HW or SW)
Other Blocks
(HW / SW)
CAN FD
Transceiver
(HW)
Other Transceiver(s)
(HW / SW)
ECU Internal Communic.
CAN FD Light Bus
CAN FD Light compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com