Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99LDLH32 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 38Page - STMicroelectronics L99LDLH32 Datasheet HTML 39Page - STMicroelectronics L99LDLH32 Datasheet HTML 40Page - STMicroelectronics L99LDLH32 Datasheet HTML 41Page - STMicroelectronics L99LDLH32 Datasheet HTML 42Page - STMicroelectronics L99LDLH32 Datasheet HTML 43Page - STMicroelectronics L99LDLH32 Datasheet HTML 44Page - STMicroelectronics L99LDLH32 Datasheet HTML 45Page - STMicroelectronics L99LDLH32 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
Communication interface
L99LDLH32
42/142
DS12879 Rev 6
6.2.3
Responder
The CAN FD Light compatible Responder is located in the LED satellites (see Figure 13)
and there inside the LED controller device (see Figure 15).
Figure 15. Responder ECU Controller Device
The implementation is done entirely in hardware It consists of three parts shown in
Figure 16
:
A standard CAN FD transceiver, according to ISO-11898-2;
A CAN FD Light compatible protocol controller with an accurate oscillator for
generating and sampling the data bits.
A communication protocol controller that sends and receives data to and from the
protocol controller and controls the communication.
Each Responder has its own 9-bit wide ID.
Rear Light Satellite
Device Memory
CAN FD
Transceiver
(HW)
CAN FD Light Bus
CAN FD Light compatible
Other ECU Functions
CAN FD Light compatible
Communication &
Protocol Controller
Status / Control
Data Exchange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com