Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9345 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ETL9345
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9345 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ETL9345 Datasheet HTML 3Page - STMicroelectronics ETL9345 Datasheet HTML 4Page - STMicroelectronics ETL9345 Datasheet HTML 5Page - STMicroelectronics ETL9345 Datasheet HTML 6Page - STMicroelectronics ETL9345 Datasheet HTML 7Page - STMicroelectronics ETL9345 Datasheet HTML 8Page - STMicroelectronics ETL9345 Datasheet HTML 9Page - STMicroelectronics ETL9345 Datasheet HTML 10Page - STMicroelectronics ETL9345 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AC ELECTRICAL CHARACTERISTICS
ETL9444/L9445 : 0
°C ≤ T
A ≤ +70°C, 4.5V ≤ VCC ≤ 9.5V (unless otherwise specified)
ETL9344/L9345 : –40
°C ≤ T
A ≤ +85°C, 4.5V ≤ VCC ≤ 7.5V (unless otherwise specified)
Parameter
Test Conditions
Mi n.
Max.
Unit
Instruction Cycle Time – tc
CKI
Input Frequency – fI
Duty Cycle
Rise Time
Fall Time
CKI Using RC (
÷ 4)
Instruction Cycle Time
CKO as SYNC Input
t SYNC
÷ 32 Mode
÷ 16 Mode
÷ 8Mode
÷ 4Mode
f I = 2MHz
R = 56k
Ω ± 5%
C= 100pF
± 10%
16
0.8
0.4
0.2
0.1
30
16
400
40
2.0
1.0
0.5
0.25
60
120
80
28
µs
MHz
MHz
MHz
MHz
%
ns
ns
µs
ns
INPUTS :
IN3-IN 0,G3-G0,L 7-L0
t SET UP
t HOL D
SI
t SET UP
t HOL D
8.0
1.3
2.0
1.0
µs
µs
µs
µs
OUTPUT PROPAGATION DELAY
SO, SK Outputs
t pd1,tpd 0
All Other Outputs
t pd1 ,tpd 0
Test Condition :
C L = 50pF, RL = 20kΩ,VOUT = 1.5V
4.0
5.6
µs
µs
ETL9444/9445–ETL9344/9345
7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com