Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9345 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ETL9345
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9345 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ETL9345 Datasheet HTML 19Page - STMicroelectronics ETL9345 Datasheet HTML 20Page - STMicroelectronics ETL9345 Datasheet HTML 21Page - STMicroelectronics ETL9345 Datasheet HTML 22Page - STMicroelectronics ETL9345 Datasheet HTML 23Page - STMicroelectronics ETL9345 Datasheet HTML 24Page - STMicroelectronics ETL9345 Datasheet HTML 25Page - STMicroelectronics ETL9345 Datasheet HTML 26Page - STMicroelectronics ETL9345 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
= 1 : higher voltage input levels
(”0” = 1.2V, ”1” = 3.6V)
Option 30 : IN Input Levels
same as Option 29
Option 31 : G Input Levels
same as Option 29
Option 32 : SI Input Levels
same as Option 29
Option 33 : RESET Input
= 0 : Schmitt trigger input
= 1 : standard TTL input levels
= 2 : higher voltage input levels
Option 34 : CKO Input Levels (CKO = input Option
2 = 2.3)
same as Option 29
Option 35 COP Bonding
= 0 : ETL9444 (28-pin device)
= 1 : ETL9445 (24-pin device)
= 2 : both 28 and 24 pin versions
TEST MODE (Non-Standard Operation)
The SO output has been configured to provide for
standard test procedures for the custom-program-
med ETL9444. With SO forced to logic ”1”, two test
modes are provided, depending upon the value of
SI :
a. RAM and Internal Logic Test Mode (SI = 1)
b. ROM Test Mode (SI = 0)
These special test modes should not be employed
by the user ; they are intended for manufacturing
test only.
APPLICATION EXAMPLE :
ETL9444 General Controller
Figure 8 shows and interconnect diagram for a
ETL9444 used as a general controller. Operation of
the system is as follows :
1. The L7-L0 outputs are configured as LED Direct
Drive outputs, allowing direct connection to the
segments of the display.
2. The D3-D0 outputs drive the digits of the multi-
plexed display directly and scan the columns of
the 4 x 4 keyboard matrix.
3. The IN3-IN0 inputs are used to input the 4 rows
of the keyboard matrix. Reading the IN lines in
conjunction with the current value of the D out-
puts allows detection, debouncing, and deco-
ding of any one of the 16 keyswitches.
4. CKI is configured as a single-pin oscillator input
allowing system timing to be controlled by a sin-
gle-pin RC network. CKO is therefore available
for use as a general-purpose input.
5. SI is selected as the input to a binary counter in-
put. With SIO used as a binary counter, SO and
SK can be used as general purpose outputs.
6. The 4 bidirectional G I/O ports (G3-G-0) are avai-
lable for use as required by the user’s applica-
tion.
7. Normal reset operation is selected.
Figure 8 : ETL9444 Keyboard/display Interface.
ETL9444/9445–ETL9344/9345
25/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com