Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9345 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ETL9345
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9345 Datasheet(HTML) 5 Page - STMicroelectronics

  ETL9345 Datasheet HTML 1Page - STMicroelectronics ETL9345 Datasheet HTML 2Page - STMicroelectronics ETL9345 Datasheet HTML 3Page - STMicroelectronics ETL9345 Datasheet HTML 4Page - STMicroelectronics ETL9345 Datasheet HTML 5Page - STMicroelectronics ETL9345 Datasheet HTML 6Page - STMicroelectronics ETL9345 Datasheet HTML 7Page - STMicroelectronics ETL9345 Datasheet HTML 8Page - STMicroelectronics ETL9345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ETL9344/L9345
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Voltage at any Pin Relative to GND
– 0.5 to + 10
V
Ambient Operating Temperature
– 40 to + 85
°C
Ambient Storage Temperature
– 65 to + 150
°C
Lead Temperature (soldering, 10 seconds)
300
°C
Power Dissipation
0.75W at 25
°C
0.25W at 85
°C
Total Source Current
120
mA
Total Sink Current
120
mA
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not en-
sured when operating the device at absolute maximum ratings.
DC ELECTRICAL CHARACTERISTICS –40
°C ≤ T
A ≤ +85°C, 4.5V ≤ VCC ≤ 7.5V
(unless otherwise specified)
Parameter
Test Conditions
Mi n.
Max.
Unit
Standard Operating Voltage (V CC)
Optional Operating Voltage (V CC)
Power Supply Ripple
Operating Supply Current
Note 1
Peak to Peak
All Inputs and Outputs Open
4.5
4.5
5.5
7.5
0.5
15
V
V
V
mA
Input Voltage Levels
CKI Input Levels
Crystal Input
Logic High (V IH)
Logic Low (V IL )
Schmitt Trigger Input
Logic High (V IH)
Logic Low (V IL )
RESET Input Levels
Logic High
Logic Low
SO Input Level (test mode)
All Other Inputs
Logic High
Logic High
Logic Low
Logic High
Logic Low
Input Capacitance
Hi-Z Input Leakage
Schmitt Trigger Input
VCC = Max.
With TTL trip level options
selected, VCC =5V
± 5%
With high trip level options
selected
2.2
– 0.3
0.7 VCC
– 0.3
0.7 VCC
– 0.3
2.2
3.0
2.2
– 0.3
3.6
– 0.3
–2
0.3
0.4
0.4
2.5
0.6
1.2
7
+2
V
V
V
V
V
V
V
V
V
V
V
V
pF
µA
Output Voltage Levels
LSTTL Operation
Logic High (V OH)
Logic Low (V OL)
VCC =5V
± 5%
I OH =– 20
µA
I OL = 0.36mA
2.7
0.4
V
V
CMOS Operation
Logic High
Logic Low
I OH =– 10
µA
I OL =+ 10
µA
VCC –1
0.2
V
V
Note : 1. VCC voltage change must be less than 0.5V in a 1ms period to maintain proper operation.
ETL9444/9445–ETL9344/9345
5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com