Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9345 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ETL9345
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9345 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ETL9345 Datasheet HTML 8Page - STMicroelectronics ETL9345 Datasheet HTML 9Page - STMicroelectronics ETL9345 Datasheet HTML 10Page - STMicroelectronics ETL9345 Datasheet HTML 11Page - STMicroelectronics ETL9345 Datasheet HTML 12Page - STMicroelectronics ETL9345 Datasheet HTML 13Page - STMicroelectronics ETL9345 Datasheet HTML 14Page - STMicroelectronics ETL9345 Datasheet HTML 15Page - STMicroelectronics ETL9345 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Figure 4 : ETL9444/L9445 Oscillator.
CRYSTAL OSCILLATOR
Crystal
Component Values
Val u e
R 1 (
Ω)
R2 (
Ω) C1 (pF) C2 (pF)
455kHz
2.097MHz
4.7k
1k
1M
1M
220
30
220
6-36
RC CONTROLLED OSCILLATOR
R (k
Ω)
C (pF)
Instruction Cycle
Time (
µs)
51
82
100
56
19
± 15%
19
± 13%
Note :
200k
Ω ≥ R ≥ 25kΩ
360pF
≥ C ≥ 50pF
CKO PIN OPTIONS
In a crystal controlled oscillator system, CKO is used
as an output to the crystal network. As an option
CKO can be a SYNC input as described above. As
another option CKO can be a general purpose input,
read into bit 2 of A (accumulator) upon execution of
an INIL instruction. As another option, CKO can be
a RAM power supply pin (VR), allowing its connec-
tion to a standby/backup power supply to maintain
the integrity of RAM data with minimum power drain
when the main supply is inoperative or shut down to
conserve power. Using either option is appropriate
in applications where the ETL9444/L9445 system ti-
ming configuration does not require use of the CKO
pin.
I/O OPTIONS
ETL9444/L9445 outputs have the following optional
configurations, illustrated in figure 5.
a. Standard - an enhancement mode device to
ground in con junction with a depletion-mode de-
vice to VCC, compatible with LSTTL and CMOS
input requirements. Available on SO, SK, and all
D and G outputs.
b. Open-Drain - an enhancement-mode device to
ground only, allowing external pull-up as requi-
red by the user’s application. Available on SO,
SK, and all D and G outputs.
c. Push-Pull - An enhancement-mode device to
ground in conjunction with a depletion-mode de-
vice paralleled by an enhancement-mode device
to VCC. This configuration has been provided to
allow for fast rise and fall times when driving ca-
pacitive loads. Available on SO and SK outputs
only.
d. Standard L - same as a., but may be disabled.
Available on L outputs only.
e. Open Drain L - same as b., but may be disabled.
Available on L outputs only.
f. LED Direct Drive - an enhancement-mode de-
vice to ground and to VCC, meeting the typical
current sourcing requirements of the segments
of an LED display. The sourcing device is clam-
ped to limit current flow. These devices may be
turned off under program control (See Functional
Description, EN Register), placing the outputs in
a high-impedance state to provide required LED
ETL9444/9445–ETL9344/9345
12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com