Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 46Page - STMicroelectronics L99DZ320 Datasheet HTML 47Page - STMicroelectronics L99DZ320 Datasheet HTML 48Page - STMicroelectronics L99DZ320 Datasheet HTML 49Page - STMicroelectronics L99DZ320 Datasheet HTML 50Page - STMicroelectronics L99DZ320 Datasheet HTML 51Page - STMicroelectronics L99DZ320 Datasheet HTML 52Page - STMicroelectronics L99DZ320 Datasheet HTML 53Page - STMicroelectronics L99DZ320 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 146 page
background image
Figure 16. Cyclic monitoring: the external contacts are supplied periodically by the internal timer
HS0
EI1
EI2
20 µA
20 µA
20 µA
20 µA
Module external contacts
VSREG
VSREG
VSREG
VThreshold = ~VSREG/2
In standby mode, the inputs are configurable with an internal pull-up or pull-down current source according to the
setup of the external contact. Moreover, in the case of cyclic sensing, an internal pull-down resistor (RWU_act) is
periodically activated on each rising edge of the TIMER_ON. RWU_act is activated also for static wakeup, but in
this case it occurs just after the external interrupt request, keeping this condition for at least the filter time twu_stat
(or more, if the EI is valid and the device enters in active mode).
In active mode the inputs have in fact only the internal pull-down resistor and the input status can be read by SPI.
Static sense should be configured before the read operation has started in order to reflect the actual input level.
As the DIR1_EN enable bit, in CR1 (0x26), is set to 1 by default, the DIR1/EI2 pin is a low voltage direct driving of
HS0. Threshold is set in this case at 1.5 V.
L99DZ320
Functional description
DS14235 - Rev 5
page 50/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com