Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320 Datasheet(PDF) 100 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 96Page - STMicroelectronics L99DZ320 Datasheet HTML 97Page - STMicroelectronics L99DZ320 Datasheet HTML 98Page - STMicroelectronics L99DZ320 Datasheet HTML 99Page - STMicroelectronics L99DZ320 Datasheet HTML 100Page - STMicroelectronics L99DZ320 Datasheet HTML 101Page - STMicroelectronics L99DZ320 Datasheet HTML 102Page - STMicroelectronics L99DZ320 Datasheet HTML 103Page - STMicroelectronics L99DZ320 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 146 page
background image
Bit
Name
Description
10
MASK_SPIE
0: SPI errors are not masked (default)
1: SPI errors are masked that are reported as am SPI error (GSB bit 29) but not as a global error (GSB bit 31)
9
MASK_PLE
0: physical layer errors are not masked (default)
1: physical layer errors are masked that are reported as a physical layer error (GSB bit 28) but not as a global
error (GSB bit 31)
8
MASK_GW
0: global warning conditions are not masked (default)
1: global warning conditions are masked that are reported as a global warning (GSB bit 25) but not as a
global error (GSB bit 31)
7
CP_OFF_EN
Charge pump OFF enable
0: writing CP_OFF = 1 is blocked (writing CP_OFF = 0 is possible)
1: writing CP_OFF = 1 is possible (default)
6-5
RESERVED
-
4
CAN_AUTO_BIAS
CAN automatic biasing activation
0: auto biasing disabled (default)
1: auto biasing enabled
3
DIR1_EN
Enable DIR1 input or EI2
0: EI2 configured as wake-up input
1: DIR1 function enabled (default)
2
V2_1
Voltage regulator V2 configuration
00: V2 OFF in all modes (default)
01: V2 ON in active mode; V2 OFF in standby modes
10: V2 ON in active and V1_Standby mode; V2 OFF in VBAT_Standby mode
11: V2 ON in active and V1_Standby mode; V2 OFF in VBAT_Standby mode
1
V2_0
0
TRIG
Watchdog trigger bit
L99DZ320
SPI Registers
DS14235 - Rev 5
page 100/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com