Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 54Page - STMicroelectronics L99DZ320 Datasheet HTML 55Page - STMicroelectronics L99DZ320 Datasheet HTML 56Page - STMicroelectronics L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics L99DZ320 Datasheet HTML 61Page - STMicroelectronics L99DZ320 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 146 page
background image
Pattern wake-up (default)
Figure 22. Wake-up behavior according to LIN 2.2a
GADG231020231201GT
Voltage at LIN pin of LIN physical layer device
LIN dominant
LIN recessive
standby mode
active mode
0.4 VSupply
0.6 VSupply
tdom LIN
Status change wake-up recessive to dominant
Normal wake-up can occur when the LIN transceiver was set in standby mode while LIN was in recessive (high)
state. A dominant level at LIN for tLINBUS, switch the device to active mode.
Status change wake-up dominant to recessive
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state, recessive level at LIN for
tLINBUS, switch the device to active mode.
3.10
CAN FD bus transceiver
3.10.1
Features
•
ISO 11898-2:2016 compliant
•
CAN-FD cell has been designed according to “hardware requirements for transceivers (version 1.3)”
•
Listen mode (transmitter disabled)
•
SAE J2284 compliant
•
Bit rate up to 5 Mbit/s
•
Function range from -27 V to 40 V DC at CAN pins
•
GND disconnection fail-safe at module level
•
GND shift operation at system level
•
Microcontroller interface with CMOS compatible I/O pins
•
ESD and transient immunity according to ISO7637 and EN/IEC61000-4-2
•
Matched output slopes and propagation delay
L99DZ320
Functional description
DS14235 - Rev 5
page 58/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com