Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 62Page - STMicroelectronics L99DZ320 Datasheet HTML 63Page - STMicroelectronics L99DZ320 Datasheet HTML 64Page - STMicroelectronics L99DZ320 Datasheet HTML 65Page - STMicroelectronics L99DZ320 Datasheet HTML 66Page - STMicroelectronics L99DZ320 Datasheet HTML 67Page - STMicroelectronics L99DZ320 Datasheet HTML 68Page - STMicroelectronics L99DZ320 Datasheet HTML 69Page - STMicroelectronics L99DZ320 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 146 page
background image
3.15
Charge pump
The charge pump uses two external capacitors, which are switched with fCP. The output of the charge pump has
a current limitation. In standby mode and after a thermal shutdown has been triggered the charge pump is
disabled. If the charge pump output voltage remains too low for longer than TCP, the Power MOSFET outputs are
switched off. The H-bridge Power MOSFET gate drivers are switched to resistive low (according to undervoltage
setting described in Section 3.12.1: VS supply failure) and the CP_LOW (SR7) bit is set. This bit has to be cleared
to reactivate the drivers. In case of reaching the overvoltage shutdown threshold VSOV the charge pump is
disabled and automatically restarted after VS has restored to normal operating voltage. Charge pump may be
also switched off in normal mode by setting the bits CP_OFF in CR2 only if CP_OFF_EN is set to “1” in CR1.
Note:
In order to improve EME performance, the sampling frequency of the charge-pump is modulated (in his
functional range) with a triangular function, providing a spreading of its energy spectrum. This “clock dithering” is
performed automatically if the bit DISABLE_CP_DITH in CR1 is “0” (default value).
Figure 26. Charge pump low filtering and startup implementation
D
CPlow
VCPlow
Start up blanking
time (tset_CP)
576 μs ... 704 μs
+
-
Filter time (TCP)
typ. 64 μs
CLK
Power stage disable
- Gate drive outputs disabled
- All power stage (beside P-channel) disabled
3.16
Inductive loads
Each of the half bridges is built by internally connecting high-side and low-side power DMOS transistors. Due to
the built-in reverse diodes of the output transistors, inductive loads can be driven at the outputs HB4 to HB6
without external freewheeling diodes. The high-side drivers HS7 to HS15 and HS0 are intended to drive resistive
loads only. Therefore, only a limited energy (E < 1 mJ) can be dissipated by the internal ESD diodes in the
freewheeling condition. For inductive loads (L > 100 μH) an external freewheeling diode connected between GND
and the corresponding output is required.
3.17
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load current is below the
open-load detection threshold for at least tFOL the corresponding open-load bit is set in the status register.
3.18
Overcurrent detection
An overcurrent condition is detected if the output current exceeds the overcurrent threshold (IOCXX). In this case,
a status flag (HBx_LS_OC / HBx_HS_OC with x = 4, ..., 6 and HSy_OC with y = 0, 7, 8, 9, 11, ..., 15) is set in the
corresponding status register and the output is turned OFF to reduce the power dissipation and to protect the
integrated circuit. The status flag must be cleared before the output can be turned ON by SPI.
In overcurrent recovery mode (HBx_OCR or HSy_OCR set to 1, see Control register 13 (0x3Ah)) the output is
switched OFF, but the correspondent HBx_OC or HSy_OC flag is not set. The output is switched ON
automatically according to the configured overcurrent recovery frequency (HBx_OCR_FREQ or
HSy_OCR_FREQ, see Control register 4 (CR4, 0x30)).
A blanking time tBLK is applied at turn ON of the output.
The filter time applied is:
•
tFOC for outputs without overcurrent recovery mode (from HS11 to HS15 and HS0)
•
tOCRxx (programmable) for outputs with overcurrent recovery mode (from HB4 to HB6 and from HS7 to
HS9); independent if overcurrent recovery mode is enabled or disabled by bit HBx_OCR / HSy_OCR.
L99DZ320
Functional description
DS14235 - Rev 5
page 66/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com