Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8534AY-01LF Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ICS8534AY-01LF
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8534AY-01LF Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ICS8534AY-01LF Datasheet HTML 12Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 13Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 14Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 15Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 16Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 17Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 18Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 19Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ICS8534-01
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
19
ICS8534AY-01 REV. A DECEMBER 6, 2007
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
15
Updated Package Outline and Package Dimensions.
11/19/04
A
T9
1
12
13
18
Features Section - added lead-free bullet.
Added Recommendations for Unused Input and Output Pins section.
Updated EPad Thermal Release Path section.
Ordering Information Table. Added lead-free part number, marking and
note.
Updated format throughout the datasheet.
12/06/07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com