Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8534AY-01LF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8534AY-01LF
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8534AY-01LF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8534AY-01LF Datasheet HTML 7Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 8Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 9Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 10Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 11Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 12Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 13Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 14Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ICS8534-01
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
11
ICS8534AY-01 REV. A DECEMBER 6, 2007
LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both VSWING and VOH must meet the VPP and
VCMR input requirements. Figures 4A to 4F show interface
examples for the HiPerClockS PCLK/nPCLK input driven by the
most common driver types. The input interfaces suggested here
are examples only. If the driver is from another vendor, use their
termination recommendation. Please consult with the vendor of the
driver component to confirm the driver termination requirements.
Figure 4A. HiPerClockS PCLK/nPCLK Input
Driven by an Open Collector CML Driver
Figure 4C. HiPerClockS PCLK/nPCLK Input
Driven by a 3.3V LVPECL Driver
Figure 4E. HiPerClockS PCLK/nPCLK Input
Driven by an SSTL Driver (delete this figure
Figure 4B. HiPerClockS PCLK/nPCLK Input
Driven by a Built-In Pullup CML Driver
Figure 4D. HiPerClockS PCLK/nPCLK Input Driven by
a 3.3V LVPECL Driver with AC Couple
Figure 4F. HiPerClockS PCLK/nPCLK Input Driven by
a 3.3V LVDS Driver
PCLK
nPCLK
HiPerClockS
PCLK/nPCLK
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
R2
50
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
PCLK
nPCLK
HiPerClockS
PCLK/nPCLK
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120
3.3V
R1
100
CML Built-In Pullup
PCLK
nPCLK
3.3V
HiPerClockS
PCLK/nPCLK
Zo = 50
Ω
Zo = 50
Ω
R3
84
R4
84
R1
125
R2
125
R5
100 - 200
R6
100 - 200
PCLK
nPCLK
3.3V LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
HiPerClockS
PCLK/nPCLK
C1
C2
PCLK
nPCLK
3.3V
HiPerClockS
PCLK/nPCLK
R3
1k
R4
1k
R1
1k
R2
1k
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
C1
C2
R5
100
LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com