Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3865PVC-LP Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 36Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 37Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 38Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 39Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 40Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 41Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 42Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 43Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 39 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6.4.13 SIO as Comparator
This section applies only to SIO pins. The adjustable input level
feature of the SIOs as explained in the Adjustable Input Level on
page 38 can be used to construct a comparator. The threshold
for the comparator is provided by the SIO's reference generator.
The reference generator has the option to set the analog signal
routed through the analog global line as threshold for the
comparator. Note that a pair of SIO pins share the same
threshold.
The digital input path in Figure 6-9 on page 35 illustrates this
functionality. In the figure, ‘Reference level’ is the analog signal
routed through the analog global. The hysteresis feature can
also be enabled for the input buffer of the SIO, which increases
noise immunity for the comparator.
6.4.14 Hot Swap
This section applies only to SIO pins. SIO pins support ‘hot swap’
capability to plug into an application without loading the signals
that are connected to the SIO pins even when no power is
applied to the PSoC device. This allows the unpowered PSoC to
maintain a high impedance load to the external device while also
preventing the PSoC from being powered through a SIO pin’s
protection diode.
Powering the device up or down while connected to an
operational I2C bus may cause transient states on the SIO pins.
The overall I2C bus design should take this into account.
6.4.15 Overvoltage Tolerance
All I/O pins provide an overvoltage tolerance feature at any
operating VDD.
There are no current limitations for the SIO pins as they present
a high impedance load to the external circuit.
The GPIO pins must be limited to 100 µA using a current limiting
resistor. GPIO pins clamp the pin voltage to approximately one
diode above the VDDIO supply.
In case of a GPIO pin configured for analog input/output, the
analog voltage on the pin must not exceed the VDDIO supply
voltage to which the GPIO belongs.
A common application for this feature is connection to a bus such
as I2C where different devices are running from different supply
voltages. In the I2C case, the PSoC chip is configured into the
Open Drain, Drives Low mode for the SIO pin. This allows an
external pull-up to pull the I2C bus voltage above the PSoC pin
supply. For example, the PSoC chip could operate at 1.8 V, and
an external device could run from 5 V. Note that the SIO pin’s
VIH and VIL levels are determined by the associated VDDIO
supply pin.
The SIO pin must be in one of the following modes: 0 (high
impedance analog), 1 (high impedance digital), or 4 (open drain
drives low). See Figure 6-11 for details. Absolute maximum
ratings for the device must be observed for all I/O pins.
6.4.16 Reset Configuration
While reset is active all I/Os are reset to and held in the High
Impedance Analog state. After reset is released, the state can
be reprogrammed on a port-by-port basis to pull-down or pull-up.
To ensure correct reset operation, the port reset configuration
data is stored in special nonvolatile registers. The stored reset
data is automatically transferred to the port reset configuration
registers at reset release.
6.4.17 Low Power Functionality
In all low power modes the I/O pins retain their state until the part
is awakened and changed or reset. To awaken the part, use a
pin interrupt, because the port interrupt logic continues to
function in all low power modes.
6.4.18 Special Pin Functionality
Some pins on the device include additional special functionality
in addition to their GPIO or SIO functionality. The specific special
function pins are listed in “Pinouts” on page 6. The special
features are:
Digital
4- to 25-MHz crystal oscillator
32.768-kHz crystal oscillator
Wake from sleep on I2C address match. Any pin can be used
for I2C if wake from sleep is not required.
JTAG interface pins
SWD interface pins
SWV interface pins
TRACEPORT interface pins
External reset
Analog
Opamp inputs and outputs
High current IDAC outputs
External reference inputs
6.4.19 JTAG Boundary Scan
The device supports standard JTAG boundary scan chains on
all pins for board level test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com