Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3865PVC-LP Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 64Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 67 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11. Electrical Specifications
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. The unique flexibility of the PSoC UDBs and analog blocks enable many functions to be implemented in PSoC
Creator components, see the component datasheets for full AC/DC specifications of individual functions. See the Example Peripherals
on page 40 for further explanation of PSoC Creator components.
11.1 Absolute Maximum Ratings
Table 11-1. Absolute Maximum Ratings DC Specifications[14]
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage relative to
VSSA
–0.5
–
6
V
VDDD
Digital supply voltage relative to
VSSD
–0.5
–
6
V
VDDIO
I/O supply voltage relative to VSSD
–0.5
–
6
V
VCCA
Direct analog core voltage input
–0.5
–
1.95
V
VCCD
Direct digital core voltage input
–0.5
–
1.95
V
VSSA
Analog ground voltage
VSSD – 0.5
–
VSSD + 0.5
V
VGPIO[15]
DC input voltage on GPIO
Includes signals sourced by VDDA
and routed internal to the pin.
VSSD – 0.5
–
VDDIO + 0.5
V
VSIO
DC input voltage on SIO
Output disabled
VSSD – 0.5
–
7
V
Output enabled
VSSD – 0.5
–
6
V
VIND
Voltage at boost converter input
0.5
–
5.5
V
VBAT
Boost converter supply
VSSD – 0.5
–
5.5
V
IVDDIO
Current per VDDIO supply pin
–
–
100
mA
IGPIO
GPIO current
–30
–
41
mA
ISIO
SIO current
–49
–
28
mA
IUSBIO
USBIO current
–56
–
59
mA
VEXTREF
ADC external reference inputs
Pins P0[3], P3[2]
–
–
2
V
LU
Latch up current[16]
–140
–
140
mA
ESDHBM
Electrostatic discharge voltage
Human body model
2000
–
–
V
ESDCDM
ESD voltage
Charge device model
500
–
–
V
Notes
14. Usage above the absolute maximum conditions listed in Table 11-1 may cause permanent damage to the device. Exposure to Absolute Maximum conditions for
extended periods of time may affect device reliability. The Maximum Storage Temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High
Temperature Storage Life. When used below Absolute Maximum conditions but above normal operating conditions, the device may not operate to specification.
15. The VDDIO supply voltage must be greater than the maximum voltage on the associated GPIO pins. Maximum voltage on GPIO pin ≤ VDDIO ≤ VDDA.
16. Meets or exceeds JEDEC Spec EIA/JESD78 IC Latch-up Test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com