Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3865PVC-LP Datasheet(PDF) 90 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 90 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 92Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 93Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 94Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 89 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Rin_Buff
ADC input resistance
Input buffer used
10
–
–
M
Ω
Rin_ADC16 ADC input resistance
Input buffer bypassed, 16-bit,
Range = ±1.024 V
–74[46]
–k
Ω
Rin_ADC12 ADC input resistance
Input buffer bypassed, 12 bit,
Range = ±1.024 V
–148[46]
–k
Ω
Rin_ExtRef ADC external reference input resistance
–
70[46, 47]
–k
Ω
Vextref
ADC external reference input voltage, see
also internal reference in Voltage
Reference on page 93
Pins P0[3], P3[2]
0.9
–
1.3
V
Current Consumption
IDD_20
IDDA + IDDD Current consumption, 20 bit[48] 187 sps, unbuffered
–
–
1.5
mA
IDD_16
IDDA + IDDD Current consumption, 16 bit[48] 48 ksps, unbuffered
–
–
1.5
mA
IDD_12
IDDA + IDDD Current consumption, 12 bit[48] 192 ksps, unbuffered
–
–
1.95
mA
IDD_8
IDDA + IDDD Current consumption, 8 bit[48] 384 ksps, unbuffered
–
–
1.95
mA
IBUFF
Buffer current consumption[48]
––
2.5
mA
Table 11-20. 20-bit Delta-sigma ADC DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Table 11-21. Delta-sigma ADC AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Startup time
–
–
4
Samples
THD
Total harmonic distortion[48]
Buffer gain = 1, 16 bit,
Range = ±1.024 V
–
–
0.0032
%
20-Bit Resolution Mode
SR20
Sample rate[48]
Range = ±1.024 V, unbuffered
7.8
–
187
sps
BW20
Input bandwidth at max sample rate[48]
Range = ±1.024 V, unbuffered
–
40
–
Hz
16-Bit Resolution Mode
SR16
Sample rate[48]
Range = ±1.024 V, unbuffered
2
–
48
ksps
BW16
Input bandwidth at max sample rate[48]
Range = ±1.024 V, unbuffered
–
11
–
kHz
SINAD16int Signal to noise ratio, 16-bit, internal
reference[48]
Range = ±1.024V, unbuffered
81
–
–
dB
TA ≤ 105 °C
77
–
–
SINAD16ext Signal to noise ratio, 16-bit, external
reference[48]
Range = ±1.024 V, unbuffered
84
–
–
dB
12-Bit Resolution Mode
SR12
Sample rate, continuous, high power[48]
Range = ±1.024 V, unbuffered
4
–
192
ksps
BW12
Input bandwidth at max sample rate[48]
Range = ±1.024 V, unbuffered
–
44
–
kHz
SINAD12int Signal to noise ratio, 12-bit, internal
reference[48]
Range = ±1.024 V, unbuffered
66
–
–
dB
8-Bit Resolution Mode
SR8
Sample rate, continuous, high power[48]
Range = ±1.024 V, unbuffered
8
–
384
ksps
BW8
Input bandwidth at max sample rate[48]
Range = ±1.024 V, unbuffered
–
88
–
kHz
SINAD8int
Signal to noise ratio, 8-bit, internal
reference[48]
Range = ±1.024 V, unbuffered
43
–
–
dB
Notes
46. By using switched capacitors at the ADC input an effective input resistance is created. Holding the gain and number of bits constant, the resistance is proportional
to the inverse of the clock frequency. This value is calculated, not measured. For more information see the Technical Reference Manual.
47. Recommend an external reference device with an output impedance <100 Ω, for example, the LM185/285/385 family. A 1 µF capacitor is recommended. For more
information, see AN61290 - PSoC® 3 and PSoC 5LP Hardware Design Considerations.
48. Based on device characterization (not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com