Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C3865PVC-LP Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # CY8C3865PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3865PVC-LP Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button CY8C3865PVC-LP Datasheet HTML 11Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 12Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 13Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 14Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 15Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 16Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 17Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 18Page - Infineon Technologies AG CY8C3865PVC-LP Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 14 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
The Cortex-M3 does not support Arm instructions for SRAM
addresses.
Bit-band support for the SRAM region. Atomic bit-level write
and read operations for SRAM addresses.
Unaligned data storage and access. Contiguous storage of
data of different byte lengths.
Operation at two privilege levels (privileged and user) and in
two modes (thread and handler). Some instructions can only
be executed at the privileged level. There are also two stack
pointers: Main (MSP) and Process (PSP). These features
support a multitasking operating system running one or more
user-level processes.
Extensive interrupt and system exception support.
4.1.2 Cortex-M3 Operating Modes
The Cortex-M3 operates at either the privileged level or the user
level, and in either the thread mode or the handler mode.
Because the handler mode is only enabled at the privileged level,
there are actually only three states, as shown in Table 4-1.
At the user level, access to certain instructions, special registers,
configuration registers, and debugging components is blocked.
Attempts to access them cause a fault exception. At the
privileged level, access to all instructions and registers is
allowed.
The processor runs in the handler mode (always at the privileged
level) when handling an exception, and in the thread mode when
not.
4.1.3 CPU Registers
The Cortex-M3 CPU registers are listed in Table 4-2. Registers
R0-R15 are all 32 bits wide.
4.2 Cache Controller
The CY8C58LP family has a 1 KB, 4-way set-associative
instruction cache between the CPU and the flash memory. This
improves instruction execution rate and reduces system power
consumption by requiring less frequent flash access.
4.3 DMA and PHUB
The PHUB and the DMA controller are responsible for data
transfer between the CPU and peripherals, and also data
transfers between peripherals. The PHUB and DMA also control
device configuration during boot. The PHUB consists of:
A central hub that includes the DMA controller, arbiter, and
router
Multiple spokes that radiate outward from the hub to most
peripherals
There are two PHUB masters: the CPU and the DMA controller.
Both masters may initiate transactions on the bus. The DMA
channels can handle peripheral communication without CPU
intervention. The arbiter in the central hub determines which
DMA channel is the highest priority if there are multiple requests.
Table 4-1. Operational Level
Condition
Privileged
User
Running an exception Handler mode
Not used
Running main program Thread mode
Thread mode
Table 4-2. Cortex M3 CPU Registers
Register
Description
R0-R12
General purpose registers R0-R12 have no special
architecturally defined uses. Most instructions that
specify a general purpose register specify R0-R12.
Low registers: Registers R0-R7 are accessible by
all instructions that specify a general purpose
register.
High registers: Registers R8-R12 are accessible
by all 32-bit instructions that specify a general
purpose register; they are not accessible by all
16-bit instructions.
R13
R13 is the stack pointer register. It is a banked
register that switches between two 32-bit stack
pointers: the main stack pointer (MSP) and the
process stack pointer (PSP). The PSP is used only
when the CPU operates at the user level in thread
mode. The MSP is used in all other privilege levels
and modes. Bits[0:1] of the SP are ignored and
considered to be 0, so the SP is always aligned to a
word (4 byte) boundary.
R14
R14 is the link register (LR). The LR stores the return
address when a subroutine is called.
R15
R15 is the program counter (PC). Bit 0 of the PC is
ignored and considered to be 0, so instructions are
always aligned to a half word (2 byte) boundary.
xPSR
The program status registers are divided into three
status registers, which are accessed either together
or separately:
Application program status register (APSR) holds
program execution status bits such as zero, carry,
negative, in bits[27:31].
Interrupt program status register (IPSR) holds the
current exception number in bits[0:8].
Execution program status register (EPSR) holds
control bits for interrupt continuable and IF-THEN
instructions in bits[10:15] and [25:26]. Bit 24 is
always set to 1 to indicate Thumb mode. Trying to
clear it causes a fault exception.
PRIMASK
A 1-bit interrupt mask register. When set, it allows
only the nonmaskable interrupt (NMI) and hard fault
exception. All other exceptions and interrupts are
masked.
FAULTMASK A 1-bit interrupt mask register. When set, it allows
only the NMI. All other exceptions and interrupts are
masked.
BASEPRI
A register of up to nine bits that define the masking
priority level. When set, it disables all interrupts of
the same or higher priority value. If set to 0 then the
masking function is disabled.
CONTROL
A 2-bit register for controlling the operating mode.
Bit 0: 0 = privileged level in thread mode,
1 = user level in thread mode.
Bit 1: 0 = default stack (MSP) is used,
1 = alternate stack is used. If in thread mode or user
level then the alternate stack is the PSP. There is no
alternate stack for handler mode; the bit must be 0
while in handler mode.
Table 4-2. Cortex M3 CPU Registers (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com