Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CTAAAA-R7 Datasheet(PDF) 46 Page - Nordic Semiconductor

Part # NRF51822-CTAAAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTAAAA-R7 Datasheet(HTML) 46 Page - Nordic Semiconductor

Back Button NRF51822-CTAAAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 50Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 130 page
background image
Page 46
nRF51822 Product Specification v3.3
Power on reset time (tPOR) is the time from when the supply starts rising to when the device comes out of
reset and the CPU starts. The time increases with, and is inclusive of, supply rise time from 0 V to VDD.
Table 30 gives tPOR for a number of supply rise times, simulated with a linear ramp from 0 V to VDD, over the
supply voltage range 1.8 V to 3.6 V.
Table 30 Power on reset time
The data in Figure 10 and Table 31 show measured t_POR data. Measurements were taken using the
reference circuit shown in Section 11.3.1 “QFAA QFN48 schematic with internal LDO setup” on page 82 with
the given supply voltage and temperature conditions.
Figure 10 Power on reset time (Test level 2)
Table 31 Supply rise time at sample voltages for the measured data shown in Figure 10.
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tPOR, 10 μs
Power on reset time, 10 μs rise
time (0 V to VDD).
0.7
2.4
19
ms
1
tPOR, 1 ms
Power on reset time, 1 ms rise
time (0 V to VDD).
1.7
3.4
20
ms
1
tPOR, 10 ms
Power on reset time, 10 ms rise
time (0 V to VDD).
11
12
28
ms
1
tPOR, 100 ms
Power on reset time, 100 ms rise
time (0 V to VDD).
68
101
115
ms
1
VDD
Rise Time from 10% to 90% of VDD
1.8
570 μs
3.0
605 μs
3.6
635 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com