Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CTAAAA-R7 Datasheet(PDF) 76 Page - Nordic Semiconductor

Part # NRF51822-CTAAAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTAAAA-R7 Datasheet(HTML) 76 Page - Nordic Semiconductor

Back Button NRF51822-CTAAAA-R7 Datasheet HTML 72Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 80Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
Page 76
nRF51822 Product Specification v3.3
10.6
Code ranges and values
Table 74 Package codes
Table 75 Variant codes
Table 76 Hardware version codes
Table 77 Production version codes
Table 78 Firmware version codes
<PP>
Packet
Size (mm)
Pin/Ball Count
Pitch (mm)
QF
QFN
6 x 6
48
0.4
CD
WLCSP
3.50 x 3.33
56
0.4
CE
WLCSP
3.50 x 3.83
62
0.4
CF
WLCSP
3.83 x 3.83
62
0.4
CTAA
WLCSP
3.50 x 3.83
62
0.4
CTAC
WLCSP
3.83 x 3.83
62
0.4
<VV>
Flash (kB)
RAM (kB)
DC/DC Bond-out
AA
256
16
YES
AB
128
16
YES
AC
256
32
YES
<H>
Description
[A. .Z]
Hardware version/revision identifier (incremental).
<P>
Description
[0. .9]
Production device identifier (incremental).
[A. .Z]
Engineering device identifier (incremental).
<F>
Description
[A. .N, P. .Z]
Version of programmed firmware
[0]
Delivered without preprogrammed firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com