Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CTAAAA-R7 Datasheet(PDF) 6 Page - Nordic Semiconductor

Part # NRF51822-CTAAAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTAAAA-R7 Datasheet(HTML) 6 Page - Nordic Semiconductor

Back Button NRF51822-CTAAAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 9Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 10Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
Page 6
nRF51822 Product Specification v3.3
October 2013
2.0
This version of the document will target the nRF51822 QFAA G0 revision of the chip. If you
are working with a previous revision of the chip, read version 1.3 or earlier of the
document.
Updated the following sections:
Key Feature list on the front page,
Chapter 1 “Introduction” on page 10,
Section 2.1 “Block diagram” on page 11,
Section 2.2 “Pin assignments and functions” on page 12,
Section 3.2 “Memory” on page 21,
Section 3.5 “Programmable Peripheral Interconnect (PPI)” on page 27,
Section 3.7 “GPIO” on page 31,
Section 4.1 “2.4 GHz radio (RADIO)” on page 32,
Section 4.2 “Timer/counters (TIMER)” on page 33,
Section 4.3 “Real Time Counter (RTC)” on page 33,
Section 4.10 “Serial Peripheral Interface (SPI/SPIS)” on page 35,
Section 4.12 “Universal Asynchronous Receiver/Transmitter (UART)” on page 36,
Section 4.14 “Analog to Digital Converter (ADC)” on page 36,
Section 4.15 “GPIO Task Event blocks (GPIOTE)” on page 36,
Chapter 5 “Instance table” on page 37,
Chapter 6 “Absolute maximum ratings” on page 38,
Chapter 8 “Electrical specifications” on page 40,
Section 8.1 “Clock sources” on page 40,
Section 8.1.2 “16 MHz crystal oscillator (16M XOSC)” on page 41,
Section 8.1.3 “32 MHz crystal oscillator (32M XOSC)” on page 42,
Section 8.2 “Power management” on page 45,
Section 8.3 “Block resource requirements” on page 49,
Section 8.7 “Universal Asynchronous Receiver/Transmitter (UART) specifications” on
page 56,
Section 8.9 “Serial Peripheral Interface (SPI) Master specifications” on page 58,
Section 8.11 “GPIO Tasks and Events (GPIOTE) specifications” on page 60,
Section 8.13 “Timer (TIMER) specifications” on page 62,
Section 8.16 “Random Number Generator (RNG) specifications” on page 63,
Section 8.17 “AES Electronic Codebook Mode Encryption (ECB) specifications” on page 63,
Section 8.18 “AES CCM Mode Encryption (CCM) specifications” on page 63,
Section 8.19 “Accelerated Address Resolver (AAR) specifications” on page 63,
Section 8.21 “Quadrature Decoder (QDEC) specifications” on page 64,
Section 11.1 “PCB guidelines” on page 79,
Section 11.3 “QFAA QFN48 package” on page 82, and
Section 11.7 “CEAA WLCSP package” on page 106.
Added the following sections:
Section 3.3 “Memory Protection Unit (MPU)” on page 23,
Section 4.5 “AES CCM Mode Encryption (CCM)” on page 34,
Section 4.6 “Accelerated Address Resolver (AAR)” on page 34,
Section 4.16 “Low Power Comparator (LPCOMP)” on page 36,
Section 8.5.7 “Antenna matching network requirements” on page 55,
Section 8.8 “Serial Peripheral Interface Slave (SPIS) specifications” on page 57,
Section 8.18 “AES CCM Mode Encryption (CCM) specifications” on page 63,
Section 8.19 “Accelerated Address Resolver (AAR) specifications” on page 63, and
Section 8.24 “Low Power Comparator (LPCOMP) specifications” on page 66.
May 2013
1.3
Updated schematics and BOMs in section 11.3 on page 61.
Date
Version
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com