Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CTAAAA-R7 Datasheet(PDF) 24 Page - Nordic Semiconductor

Part # NRF51822-CTAAAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CTAAAA-R7 Datasheet(HTML) 24 Page - Nordic Semiconductor

Back Button NRF51822-CTAAAA-R7 Datasheet HTML 20Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 21Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 22Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 23Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 24Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 25Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF51822-CTAAAA-R7 Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
Page 24
nRF51822 Product Specification v3.3
3.4
Power management (POWER)
3.4.1
Power supply
nRF51 supports three different power supply alternatives:
• Internal LDO setup
•DC/DC converter setup
• Low voltage mode setup
See Table 20 on page 39 for the voltage range on the different alternatives. See Chapter 11 “Reference
circuitry” on page 79 for details on the schematic used for the different power supply alternatives.
3.4.1.1
Internal LDO setup
In internal LDO mode the DC/DC converter is bypassed (disabled) and the system power is generated
directly from the supply voltage VDD. This mode could be used as the only option or in combination with
the DC/DC converter setup. See DC/DC converter section for more details.
3.4.1.2
DC/DC converter setup
The nRF51 DC/DC buck converter transforms battery voltage to lower internal voltage with minimal power
loss. The converted voltage is then available for the linear regulator input. The DC/DC converter can be
disabled when the supply voltage drops to the lower limit of the voltage range so the LDO can be used for
low supply voltages. When enabled, the DC/DC converter operation is automatically suspended between
radio events when only the low current regulator is needed internally.
This feature is particularly useful for applications using battery technologies with nominal cell voltages
higher than the minimum supply voltage with DC/DC enabled. The reduction in supply voltage level from a
high voltage to a low voltage reduces the peak power drain from the battery. Used with a 3 V coin-cell
battery, the peak current drawn from the battery is reduced by approximately 25%.
3.4.1.3
Low voltage mode setup
Devices can be used in low voltage mode where a steady 1.8 V supply is available externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com