| Electronic Components Datasheet Search |
|
L6452 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6452 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 16 page ![]() PRINT HEAD TEMPERATURE CONTROL PART Introduction For quality printing, it is necessary to know and control the temperature of the printhead. Thus, the latter has a built - in aluminium resistor, whose value changes slightly with the tempera- ture. The temperature determination is done by injecting a constant current in the resistor, and measuring the voltage drop across it. Since high - end printers have two heads, it must also be pos- sible to switch quikly the measurement process from one to the other. The function is foreseen to be integrated into the head driver, and is de- scribed hereafter. Print Head Block Diagram (fig. 4) At first we have a constant current source, which can be disabled by an external pin (ONenable) or by a control register, described later. The value of the current can be programmed by an external resistor, and is given by: ICCS = Vref ⋅4 2 ⋅ Rext This current is injected either into the aluminium resistor of the head A (Ralu. A) or B (Ralu. B), de- pending of the switch SW3. The alu. resistors are grounded, and the voltage at their << hot >> side (Vx) is re-entered via the pins Vxa and Vxb. Us- ing separate pins from Rxa and Rxb permits to be more flexible, and a filter can eventually be added as shown in the drawing. The voltage Vx is amplified by A1 and A2, and then converted in a digital value. To be compat- ible with the input range of the A/D converter, it is necessary to subtract an offset voltage Voffset from Vx. Moreover, as the initial value of the alu. resistor is very unprecise. Voffset must be adjust- able; this is done by means of a 5 bit - D/A con- verter, giving 32 different values. Finally, the volt- age at the input of the A/D converter is: VCH0 =g1 ⋅ g2 ⋅ VX -g2 ⋅ VOFFSET or VCH0 =g1 ⋅ g2 ⋅ Ralu ⋅ ICCS -g2 ⋅ VOFFSET; VOFFSET =VREF/2 + N ⋅ VREF/32 N = 0, 1, ...31 The reference voltage generator (VREF) is inte- grated, and used for the current source and both the A/D and D/A converters. In this way, the sys- tem performance is independent from the preci- sion of VREF; this one should, however, be stable. Vref is also available on pin #45, and can be used for low consumption purposes. (The exter- nal sinked current has to be a DC current) The system is under control of a 10 bit register, CR. CR is accessed serially and has a transpar- ent latch, which can be used or not (by trying the latch signal CR latch to VCC). REF VOLT VREF + g1 A1 g2 A VREF/2 VREF OUT Va D/A 5 BIT A/B ON/OFF DA4 DA3 DA2 DA1 DA0 S2 S1 S0 D VREF CONTROL REGISTER LATCH 10 BIT SHIFT REG. 10 BIT CRLATCH CRCLOCK CRDATA A B D C VREF A2 Vx SW1 SW2 SW3 CH0 + - CH1 CH2 CH3 CH4 CH5 ADDATA ADCK CONV START A/D INPUTS CH0_BUF REXT ONENABLE RXA, RXB VXA, VXB RALU B RALU A ANALOG GND Note; the analog ground is separated from the digital ground of the remaining part of the driver D97IN533B HIGH-SIDE CONSTANT CURRENT SOURCE VOFFSET Figure 4. Print Head Block Diagram L6452 10/16 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |