Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP1-M Datasheet(PDF) 2 Page - CUI INC

Part # PDP1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDP1-M Datasheet(HTML) 2 Page - CUI INC

  PDP1-M Datasheet HTML 1Page - CUI INC PDP1-M Datasheet HTML 2Page - CUI INC PDP1-M Datasheet HTML 3Page - CUI INC PDP1-M Datasheet HTML 4Page - CUI INC PDP1-M Datasheet HTML 5Page - CUI INC PDP1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDP1-M │ DESCRIPTION: DC-DC CONVERTER
date 03/28/2020
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
4.5
5
5.5
Vdc
surge voltage
for maximum of 1 second
-0.7
9
Vdc
filter
capacitance filter
current
full load/no load
3.3/5 Vdc input models
9/12 Vdc input models
270/5
241/12
286/10
254/20
mA
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
Vin change ±1%
3.3 Vdc output
other outputs
1.5
1.2
%
%
load regulation
10% ~ 100% load
3.3 Vdc output
5 Vdc output
9 Vdc output
12 Vdc output
15
10
8
7
20
15
10
10
%
%
%
%
set-point accuracy
see regulation curve
switching frequency
full load, nominal input
270
kHz
temperature coefficient
full load
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
Continuous, self-recovery
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com