Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP1-M Datasheet(PDF) 1 Page - CUI INC

Part # PDP1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDP1-M Datasheet(HTML) 1 Page - CUI INC

  PDP1-M Datasheet HTML 1Page - CUI INC PDP1-M Datasheet HTML 2Page - CUI INC PDP1-M Datasheet HTML 3Page - CUI INC PDP1-M Datasheet HTML 4Page - CUI INC PDP1-M Datasheet HTML 5Page - CUI INC PDP1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/28/2020
page 1 of 6
SERIES: PDP1-M
│ DESCRIPTION: DC-DC CONVERTER
date 03/28/2020
page 1 of 6
FEATURES
• 1W isolated output
• 1500 Vdc isolation
• compact SMD package
• continuous short circut protection
• no-load input current as low as 5mA
• wide temperature range: -40°C to +105°C
• high efficiency up to 83%
• UL62368/EN62368/IEC62368 Approval
PART NUMBER KEY
PDP1 - S5 - XXX - M
Input Voltage
Output
S = single
Packaging Style
SMT
Output
Voltage
Base Number
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDP1-S5-S3-M
5
4.5~5.5
3.3
30
303
1
75
74
PDP1-S5-S5-M
5
4.5~5.5
5
20
200
1
75
82
PDP1-S5-S9-M
5
4.5~5.5
9
12
111
1
75
83
PDP1-S5-S12-M
5
4.5~5.5
12
9
84
1
75
83
Notes:
1. Ripple & noise testing condition at nominal input voltage and 10~100% load, 20 MHz bandwidth.
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PDP1-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDP1-M CUI-PDP1-M Datasheet
1Mb / 6P
DC-DC CONVERTER
01/10/2022
More results

Similar Description - PDP1-M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com