Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP1-M Datasheet(PDF) 5 Page - CUI INC

Part # PDP1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDP1-M Datasheet(HTML) 5 Page - CUI INC

  PDP1-M Datasheet HTML 1Page - CUI INC PDP1-M Datasheet HTML 2Page - CUI INC PDP1-M Datasheet HTML 3Page - CUI INC PDP1-M Datasheet HTML 4Page - CUI INC PDP1-M Datasheet HTML 5Page - CUI INC PDP1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDP1-M │ DESCRIPTION: DC-DC CONVERTER
date 03/28/2020
│ page 5 of 6
RECOMMENDED CIRCUITS
EMC COMPLIANCE CIRCUITS
recommended input & output capacitor values
Vin (Vdc)
Cin (µF)
Vo (Vdc)
Cout (µF)
5
4.7
3.3/5
10
9
4.7
12
2.2
Note:
To further improve EMI performance, we recommend the use a Y-capacitor CY
Recommended EMC Filter Values
Input
voltage
5 Vdc
Output Voltage (Vdc)
3.3/5/9
12
Emmissions
C1/C2
47µF / 25V
47µF / 25V
CY
- -
1nF/2KVDC
HEC C1206X102K202T
JOHANSON
202R18W102KV4E
C3
refer to the Cout in table 1
LDM
6.8µH
6.8µH
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com