Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP1-M Datasheet(PDF) 3 Page - CUI INC

Part # PDP1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDP1-M Datasheet(HTML) 3 Page - CUI INC

  PDP1-M Datasheet HTML 1Page - CUI INC PDP1-M Datasheet HTML 2Page - CUI INC PDP1-M Datasheet HTML 3Page - CUI INC PDP1-M Datasheet HTML 4Page - CUI INC PDP1-M Datasheet HTML 5Page - CUI INC PDP1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDP1-M │ DESCRIPTION: DC-DC CONVERTER
date 03/28/2020
│ page 3 of 6
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
105
°C
storage temperature
-55
125
°C
humidity
non-condensing
5
95
%
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
60 s max over 217°C
245
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input-output electric strength test for 1 minute
1500
Vdc
isolation resistance
input-output insulation at 500 Vdc
1000
MΩ
isolation capacitance
input-output capacitance at 100 KHz / 0.1 V
20
pF
safety approvals
UL62368/EN62368/IEC62368
EMC
CISPR32/EN55032 Class B (see recommended circuit)
ESD
IEC/EN61000-4-2, Air ±8kV, Contact ±4kV, perf. Criteria B
RoHS
yes
MTBF
MIL-HDBK-217F @ 25°C
3500
kHours
DERATING CURVES
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com