Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6102HVCMS8 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 4 Page - Analog Devices

  LTC6102HVCMS8 Datasheet HTML 1Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 2Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 3Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 4Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 5Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 6Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 7Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 8Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
4
6102fe
For more information www.linear.com/LTC6102
elecTrical characTerisTics (LTC6102, LTC6102-1) The
l
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. RIN = 10Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for
details), V+ = 12V, V– = 0V, VEN = 2.2V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
4
60
V
VOS
Input Offset Voltage
(Note 3)
VSENSE = 100µV
6V ≤ V+ ≤ 60V
V+ = 4V
3
5
10
25
µV
µV
Input Offset Voltage
(Note 4)
VSENSE = 100µV
6V ≤ V+ ≤ 60V
V+ = 4V
3
5
35
50
µV
µV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 3)
VSENSE = 100µV
LTC6102C, LTC6102I, LTC6102C-1, LTC6102I-1
LTC6102H, LTC6102H-1
l
l
25
25
50
75
nV/°C
nV/°C
IB
Input Bias Current (Note 5)
RIN = 40k, VSENSE = 2mV
LTC6102C, LTC6102I, LTC6102C-1, LTC6102I-1
LTC6102H, LTC6102H-1
l
l
60
3
20
pA
nA
nA
PSRR
Power Supply Rejection Ratio
VSENSE = 100µV, V+ = 6V to 60V
l
130
125
150
dB
dB
VSENSE = 100µV, V+ = 4V to 60V
l
120
115
140
dB
dB
VSENSE(MAX) Input Sense Voltage Full Scale
(V+ – VIN+)
Error <1%, RIN = 10k, ROUT = 10k
6V ≤ V+ ≤ 60V
V+ = 4V
l
l
2
0.8
V
V
VOUT
Maximum Output Voltage
(LTC6102)
VSENSE = 2mV, ROUT = 100k
12V ≤ V+ ≤ 60V
V+ = 6V
V+ = 4V
l
l
l
8
3
1
V
V
V
Maximum Output Voltage
(LTC6102-1)
VSENSE = 2mV, ROUT = 100k
V+ = 60V
V+ = 12V
V+ = 4V
l
l
l
14
11.7
3.8
V
V
V
IOUT
Maximum Output Current
6V ≤ V+ ≤ 60V, RIN = 1k, ROUT = 1k, VSENSE = 1.1V
V+ = 4V, RIN = 10Ω, ROUT = 1k, VSENSE = 11mV
l
l
1
0.5
mA
mA
tr
Input Step Response (to 2.5V on
a 5V Output Step)
ΔVSENSE = 100mV Transient, 6V ≤ V+ ≤ 60V, RIN = 100Ω,
ROUT = 4.99k, IOUT = 100µA
1
µs
V+ = 4V
1.5
µs
BW
Signal Bandwidth
IOUT = 200µA, RIN = 100Ω, ROUT = 4.99k
IOUT = 1mA, RIN = 100Ω, ROUT = 4.99k
140
200
kHz
kHz
eN
Input Noise Voltage
0.1Hz to 10Hz
2
µVP-P
IS
Supply Current
V+ = 4V, IOUT = 0, RIN = 10k, ROUT = 100k
l
275
400
475
µA
µA
V+ = 6V, IOUT = 0, RIN = 10k, ROUT = 100k
l
290
425
500
µA
µA
V+ = 12V, IOUT = 0, RIN = 10k, ROUT = 100k
l
300
450
525
µA
µA
V+ = 60V, IOUT = 0, RIN = 10k, ROUT = 100k
420
575
µA
LTC6102C, LTC6102I, LTC6102C-1, LTC6102I-1
l
650
µA
LTC6102H, LTC6102H-1
l
675
µA
IDIS
Supply Current in Disable Mode
(LTC6102-1 Only)
VEN = 0.8V, V+ = 12V
VEN = 0.8V, V+ = 60V
l
l
1
18
µA
µA
VENL
Enable Input Voltage Low
(LTC6102-1 Only)
l
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com