Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6102HVCMS8 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6102HVCMS8 Datasheet HTML 4Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 5Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 6Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 7Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 8Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 10Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 11Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
8
6102fe
For more information www.linear.com/LTC6102
Typical perForMance characTerisTics
LTC6102: Supply Current vs
Supply Voltage
Step Response 0mV to 10mV
Step Response 10mV to 20mV
LTC6102HV: Supply Current vs
Supply Voltage
Step Response 100mV
600
500
400
300
200
100
0
SUPPLY VOLTAGE (V)
0
32
6102 G11
8
16
48
56
24
40
28
4
12
44
52
20
36
60
VIN = 0
RIN = 2M
TA = 125°C
TA = 85°C
TA = 70°C
TA = 25°C
TA = –40°C
TA = 0°C
600
500
400
300
200
100
0
SUPPLY VOLTAGE (V)
0
32
6102 G12
8 16
48 56 64 72 80 88 96
24
40
VIN = 0
RIN = 2M
TA = 125°C
TA = –40°C
TA = 70°C
TA = 85°C
TA = 25°C
TA = 0°C
V+
V+ – 10mV
0.5V
0V
TIME (10μs/DIV)
6102 G13
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE+ = V+
VSENSE–
VOUT
V+ – 10mV
V+ – 20mV
1V
0.5V
6102 G14
TIME (10μs/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE+ = V+
VSENSE–
VOUT
V+
V+ – 100mV
5V
0V
6102 G15
CLOAD = 1000pF
CLOAD = 10pF
TIME (10μs/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE+ = V+
VSENSE–
VOUT
Step Response Rising Edge
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6102 G17
VOUT
VSENSE– = 100mV
IOUT = 100μA
IOUT = 0
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE+ = V+
Step Response Falling Edge
PSRR vs Frequency
5.5V
5V
0.5V
0V
6102 G18
VOUT
VSENSE– = 100mV
IOUT = 100μA
IOUT = 0
TIME (500ns/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE+ = V+
FREQUENCY (Hz)
0.1
1
10
100
1k
10k 100k 1M
6102 G19
160
140
120
100
80
60
40
20
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
AV = 49.9
IOUT = 500μA
Input Referred Noise
0.1Hz to 10Hz
6102 G20
TA = 25°C
V+ = 12V
RIN = 10Ω
ROUT = 1k
VSENSE = 2mV
TIME (s)
0
1
2
3
4
5
6
7
8
9 10
5
4
3
2
1
0
–5
–4
–3
–2
–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com