Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6102HVCMS8 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 1 Page - Analog Devices

  LTC6102HVCMS8 Datasheet HTML 1Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 2Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 3Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 4Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 5Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 6Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 7Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 8Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
1
6102fe
For more information www.linear.com/LTC6102
Typical applicaTion
FeaTures
applicaTions
DescripTion
Precision Zero Drift
Current Sense Amplifier
TheLTC®6102/LTC6102HVareversatile,highvoltage,high-
side current sense amplifiers. Their high supply voltage
rating allows their use in many high side applications,
while the low drift and offset ensure accuracy across a
wide range of operating conditions. The LTC6102-1 is a
version of the LTC6102 that includes a low power disable
mode to conserve system standby power.
The LTC6102/LTC6102HV monitor current via the voltage
across an external sense resistor (shunt resistor). Internal
circuitry converts input voltage to output current, allowing
a small sense signal on a large common mode voltage to
be translated to a ground-referred signal. Low DC offset
allows the use of very low shunt resistor values and large
gain-setting resistors. As a result, power loss in the shunt
is reduced.
The wide operating supply and high accuracy make the
LTC6102 ideal for a large array of applications, from auto-
motive, to industrial and power management. A maximum
input sense voltage of 2V allows a wide range of currents
and voltages to be monitored. Fast response makes the
LTC6102 the perfect choice for load current warnings and
shutoff protection control.
All versions of the LTC6102 are available in 8-lead MSOP
and 3mm
× 3mm DFN packages.
n
Supply Range:
4V to 60V, 70V Maximum (LTC6102)
5V to 100V, 105V Maximum (LTC6102HV)
n
±10µV Input Offset Maximum
n
±50nV/°C Input Offset Drift Maximum
n
Fast Response: 1µs Step Response
n
Gain Configurable with Two Resistors
n
Low Input Bias Current: 3nA Maximum
n
PSRR 130dB Minimum
n
Output Currents up to 1mA
n
Operating Temperature Range: –40°C to 125°C
n
Disable Mode (LTC6102-1 Only): 1µA Maximum
n
Available in 8-Lead MSOP and 3mm
× 3mm
DFN Packages
n
Current Shunt Measurement
n
Battery Monitoring
n
Remote Sensing
n
Load Protection
n
Motor Control
n
Automotive Controls
Dynamic Current
Measurement Range
10A Current Sense with 10mA Resolution and 100mW
Maximum Dissipation
TO µP
6102 TA01
LTC2433-1
ROUT
4.99k
VOUT
1µF
5V
L
O
A
D
VOUT =
• VSENSE = 249.5VSENSE
ROUT
RIN
*PROPER SHUNT SELECTION COULD ALLOW
MONITORING OF CURRENTS IN EXCESS OF 1000A
LTC6102
RIN
20
VSENSE
1m
5V TO
105V
V+
V–
OUT
+IN
+
–
–INF
–INS
VREG
0.1µF
+
MAXIMUM SENSE VOLTAGE (V)
0.0001
110
100
90
80
70
60
50
40
30
20
0.001
0.01
1
0.1
6102 TA01b
DYNAMIC RANGE RELATIVE
TO 10µV OFFSET VOLTAGE
RSENSE = 100m
Max VSENSE = 1V
RSENSE = 10m
Max VSENSE = 100µV
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC6102HVCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102HVCMS8-PBF LINER-LTC6102HVCMS8-PBF Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
LTC6102HVCMS8-TRPBF LINER-LTC6102HVCMS8-TRPBF Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
More results

Similar Description - LTC6102HVCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com