Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6102HVCMS8 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6102HVCMS8
Description  Precision Zero Drift Current Sense Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6102HVCMS8 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6102HVCMS8 Datasheet HTML 2Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 3Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 4Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 5Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 6Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 7Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 8Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 9Page - Analog Devices LTC6102HVCMS8 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC6102
LTC6102-1/LTC6102HV
6
6102fe
For more information www.linear.com/LTC6102
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. In addition to the Absolute Maximum Ratings, the
output current of the LTC6102 must be limited to ensure that the power
dissipation in the LTC6102 does not allow the die temperature to exceed
150°C. See the Applications Information “Output Current Limitations Due
to Power Dissipation” for further information.
Note 2: The LTC6102C/LTC6102C-1/LTC6102HVC are guaranteed to meet
specified performance from 0°C to 70°C. The LTC6102C/LTC6102C-1/
LTC6102HVC are designed, characterized and expected to meet specified
performance from –40°C to 85°C but are not tested or QA sampled at
these temperatures. LTC6102I/LTC6102I-1/LTC6102HVI are guaranteed
to meet specified performance from –40°C to 85°C. The LTC6102H/
LTC6102H-1/LTC6102HVH are guaranteed to meet specified performance
from –40°C to 125°C.
Note 3: These Parameters are guaranteed by design and are not 100%
tested. Thermocouple effects preclude measurements of these voltage
levels during automated testing.
Note 4: Limits are fully tested. Limit is determined by high speed
automated test capability.
Note 5: IB specification is limited by practical automated test resolution.
Please refer to the Typical Performance Characteristics section for
more information regarding actual typical performance. For tighter
specifications, please contact LTC Marketing.
(LTC6102HV) The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. RIN = 10Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for details),
V+ = 12V, V– = 0V unless otherwise noted.
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
V+ = 5V, IOUT = 0, RIN = 10k, ROUT = 100k
l
275
400
475
µA
µA
V+ = 6V, IOUT = 0, RIN = 10k, ROUT = 100k
l
280
425
500
µA
µA
V+ = 12V, IOUT = 0, RIN = 10k, ROUT = 100k
l
290
450
525
µA
µA
V+ = 100V, IOUT = 0, RIN = 10k, ROUT = 100k
420
575
µA
LTC6102HVC, LTC6102HVI
l
650
µA
LTC6102HVH
l
675
µA
fS
Sampling Frequency
10
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com