Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9347 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 3Page - STMicroelectronics L9347 Datasheet HTML 4Page - STMicroelectronics L9347 Datasheet HTML 5Page - STMicroelectronics L9347 Datasheet HTML 6Page - STMicroelectronics L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
L9347
VZ
Z-diode clamping voltage
IQ ≥ 100mA
45
60
V
IPD
Output pull down current
VEN = H, VIN = L
10
150
µA
IQlk
Output leakage current
VEN = L; VQ = 20V
5
µA
Timing
tON
Output ON delay time
IQ = 1A
05
20
µs
tOFF
Output OFF delay time channel
IQ = 1A
010
30
µs
tOFFREG Output OFF delay time regulator
(5)
528
µs
tr
Output rise time
IQ = 1A
0.5
1.5
8
µs
tf
Output fall time
IQ = 1A
0.5
1.5
8
µs
tsf
Short error detection filter time
fCLK = 250kHz DC = 50%
(5)
48
µs
tlf
Long error detection filter time
fCLK = 250kHz DC = 50%
(5)
16
32
µs
tSCP
Short circuit switch-OFF delay time
(5)
430
µs
tD
Status delay time
(5)
896
1024
us
tRE
Regulation error status delay time
(5)
(reg. channels only)
10
ms
tDreg
Output off status delay time
(5)
(reg. channels only
528
µs
Reg. Current Accuracy (reg. channels only)
IQ3/Q4
Minimum current
DC = 10%
200
250
300
mA
IQ3/Q4
Maximum current
DC = 90%
2
2.25
2.5
A
IREG
Max. regulation deviation @
DC 10% - 90%
250mA < IQ3/Q4 < 400mA
400mA
≤ IQ3/Q4 ≤ 800mA
800mA < IQ3/Q4 < 2.25A
±10
±6
±10
%
%
%
∆IQ3/Q4 Min. quant. step
5
mA
Frequencies
CLK frequency
crystal-controlled
250
kHz
Input PWM frequency
(reg. channels only)
2
kHz
(1) This parameter will not be tested but assured by design
(2) Short circuit between two digital outputs (one in high the other in low state) will lead to the defined result "LOW"
(3) Measured chip, bond wires not included
(4) Measured on Power SO-36 devices
(5) Digital filtered with external clock, only functional test
ELECTRICAL CHARACTERISTCS: (continued)
(Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com