Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9347 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 5Page - STMicroelectronics L9347 Datasheet HTML 6Page - STMicroelectronics L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics L9347 Datasheet HTML 12Page - STMicroelectronics L9347 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
L9347
The ON period of the input signal is measured with a 1MHz clock, synchronized with the external 250kHz clock.
For requested precision of the output current the ratio between the frequencies of the input signal and the ex-
ternal 250kHz clock has to be fixed according to the graph shown in Fig.
Figure 4. Current accuracy according to the input and clock frequency ratio
The theoretical error is zero for fCLK / fIN = 125.
If the period of the input signal is longer than 132 times the period of the clock the regulator is switched off. For
a clock frequency lower than 100kHz the clock control will also disable the regulator. For high precision appli-
cations the clock frequency and the input frequency have to be correlated.
The output current is measured during the recirculation of the load. The current sense resistor is in series to the
free wheeling diode. If this recirculation path is interrupted the regulator stops immediately and the status output
remains low for the rest of the input cycle.
The output period is 64 times the clock period. With a clock frequency of 250kHz the output PWM frequency is
3.9kHz. The output PWM is synchronized with the first negative edge of the input signal. After that the output
and the input are asynchronous. The first period is used to measure the current. This means the first turn-on of
the power is 256
µs after the first negative edge of the input signal.
As regulator a digital PI-regulator with the Transfer function for:
KI:
and KP: 0.96
for a sampling time of 256us is realised.
To speed up the current settling time the regulator output is locked to 90% output PWM untill the target current
value is reached. This happens alsowhen the target current value changes and the output PWM reaches 90%
during the regulation. The status output gets low if the target current value is not reached within the regulation
error delay time of tRE=10ms. The output PWM is than out of the regulation range from 10% to 90%.
1.5
Protective Circuits
The outputs are protected against current overload, overtemperature, and power-GND-loss. The external clock
is monitored by a clock watchdog. This clock watchdog detects a minimal frequency fCLK,min and wrong clock
duty cycles. The allowed clock duty cycle range is 45% to 55%. The current-regulator stages are protected
-10%
5.6%
112.5
132
125
fCLK / fIN
0%
Regulator
switched off
0.126
z1
–
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com