Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9347 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 1 Page - STMicroelectronics

  L9347 Datasheet HTML 1Page - STMicroelectronics L9347 Datasheet HTML 2Page - STMicroelectronics L9347 Datasheet HTML 3Page - STMicroelectronics L9347 Datasheet HTML 4Page - STMicroelectronics L9347 Datasheet HTML 5Page - STMicroelectronics L9347 Datasheet HTML 6Page - STMicroelectronics L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
L9347
June 2002
s
Quad low-side switch
s
2 x 5A designed as conventional switch
s
2 x 2.5A designed as switched current-regulator
s
Low ON-resistance 2 x 0.2
Ω, 2 x 0.35Ω (typ.)
s
Power SO-36 - package with integrated
cooling area
s
Integrated free-wheeling and clamping Z-diodes
s
Output slope control
s
Short circuit protection
s
Selective overtemperature shutdown
s
Open load detection
s
Ground and supply loss detection
s
External clock control
s
Recirculation control
s
Regulator drift detection
s
Regulator error control
s
Regulator resolution 5mA
s
Status monitoring
s
Status push-pull stages
s
Electrostatic discharge (ESD) protection
DESCRIPTION
The L9347 is an integrated quad low-side power
switch to drive inductive loads like valves used in
ABS systems. Two of the four channels are current
regulators with current range from 250mA to 2.25A
and an accuracy of 10%.
All channels are protected against fail functions.
They are monitored by a status output.
Figure 1. Pin Connection
36
N.C.
35
IN3
ST4
34
PGND3
33
32
PGND3
Q3
31
Q3
30
29
D3
D3
28
Q2
27
26
Q2
PGND2
25
PGND2
24
23
VS
VDD
22
VCC
21
20
IN2
ST1
19
GND
1
IN4
2
3
ST3
PGND4
4
PGND4
5
6
Q4
Q4
7
D4
8
9
D4
Q1
10
Q1
11
12
PGND1
PGND1
13
EN
14
15
CLK
IN1
16
ST2
17
18
TEST
99AT0060
PowerSO-36
BARE DIE
ORDERING NUMBERS:
L9347PD
L9347DIE1
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH


Similar Part No. - L9347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9347 STMICROELECTRONICS-L9347 Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
L9347DIE1 STMICROELECTRONICS-L9347DIE1 Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
L9347LF STMICROELECTRONICS-L9347LF Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
L9347LF-TR STMICROELECTRONICS-L9347LF-TR Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
L9347 STMICROELECTRONICS-L9347_V01 Datasheet
325Kb / 29P
Intelligent quad (2x5A/2x2.5A) low-side switch
25-Sep-2013
More results

Similar Description - L9347

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com