Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9347 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9347
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 4Page - STMicroelectronics L9347 Datasheet HTML 5Page - STMicroelectronics L9347 Datasheet HTML 6Page - STMicroelectronics L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics L9347 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
L9347
8/21
1.0
Functional Description
1.1
Overview
The L9347 is designed to drive inductive loads (relays, electromagnetic valves) in low side configuration. Inte-
grated active Zener-clamp (for channel1 and 2) or free wheeling diodes (for channel 3 and 4) allow the recircu-
lation of the inductive loads. All four channels are monitored with a status output. All wiring to the loads and
supply pins of the device are controlled. The device is self-protected against short circuit at the outputs and over-
temperature. For each channel one independent push-pull status output is used for a parallel diagnostic func-
tion.
Channel 3 and 4 work as current regulator. A PWM signal on the input defines the target output current. The
output current is controlled through the output PWM of the power stage. The regulator limits of 10% or 90% are
detected and monitored with the status signal. The current is measured during recirculation phase of the load.
A test mode compares the differences between the two regulators. This “drift” test compares the output PWM
of the regulators. By this feature a drift of the load during lifetime can be detected.
1.2
Input Circuits
The INput, CLK, TEST and ENable inputs, are active high, consist of Schmidt triggers with hysteresis. All inputs
are connected to pull-down current sources.
1.3
Output Stages (not regulated) Channel 1 and 2
The two power outputs (5A) consist of DMOS-power transistors with open drain output. The output stages are
protected against short circuit. Via integrated Zener-clamp-diodes the overvoltage of the inductive loads due to
recirculation are clamped to typ. 52V for fast shut off of the valves. Parallel to the DMOS transistors there are
internal pull-down current sources. They are provided to assure an open load condition in the OFF-state. With
EN=low this current source is switched off, but the open load comparator is still active.
1.4 Current-Regulator-Stages Channel 3 and 4
The current-regulator channels are designed to drive inductive loads. The target value of the current is given by
the duty cycle (DC) of the 2kHz PWM input signal. The following figure shows the relation between the input
PWM and the output current and the specified accuracy.
Figure 3. Input PWM to output current range
10
90
250
2250
INPUT PWM[%]
400
800
±10%
+- 6%
+-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com