Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY22K7PVC-1 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22K7PVC-1
Description  133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7짰 Processor and AMD-750 Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22K7PVC-1 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22K7PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY22K7
Document #: 38-07333 Rev. OBS
Page 5 of 12
Serial Configuration Map
• The Serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
• SPI Address for the CY22K7 is:
Bytes 0 to 3 will be ignored.
A6
A5
A4
A3
A2
A1
A0
R/W
1101001
−
Byte 4: Clock Control Register (1 = Active, 0 = Inactive)
Bit
Pin #
Default
Description
7
1
Active
REF0
6
24
Active
USB/IO
5
23
Active
USB0
4
20
Active
AGP1
3
19
Active
AGP0
2
42, 43
Active
CPUCLK2 (both of differential pair, “True” and “Complementary”)
1
39, 40
Active
CPUCLK1 (both of differential pair, “True” and “Complementary”)
0
36, 37
Active
CPUCLK0 (both of differential pair, “True” and “Complementary”)
Byte 5: PCI/REF Clock Control Register (1 = Active, 0 = Inactive)
Bit
Pin #
Default
Description
7
2
Active
REF1
6
17
Active
PCICLK6
5
16
Active
PCICLK5
4
14
Active
PCICLK4
3
13
Active
PCICLK3
2
11
Active
PCICLK2
1
10
Active
PCICLK1
0
8
Active
PCICLK0
Byte 6: SDRAM Clock & Generator Mode Control Register (1 = Active, 0 = Inactive)
Bit
Pin #
Default
Description
7
−
Inactive
Spread Spectrum
6
−
Active
Bits[6:4] correspond to the Function Table on page 3
Bit 6 = TEST, Bit 5 = FS1, Bit 4 = FS0
example: Bits[6:4] = ‘111’ -- 100-MHz CPUCLK and SDRAM_OUT clocks
5
−
Active
4
−
Active
3
−
Active
Reserved
2
−
Active
Reserved
1
−
Inactive
SPI (directs the generator to utilize either SPI feature selection if bit is enabled
or pin-based feature if bit is disabled)
0
46
Active
SDRAM_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com