Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY22K7PVC-1 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY22K7PVC-1
Description  133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7짰 Processor and AMD-750 Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22K7PVC-1 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY22K7PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CY22K7
Document #: 38-07333 Rev. OBS
Page 11 of 12
© Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Ordering Information
Ordering Code
Package
Name
Package Type
Operating
Range
CY22K7PVC-1
O48
48-pin SSOP
Commercial
PCI,
SDRAM,
AGP
12 pF
Zo=50
Ω, 5"
33
Ω
Observation Point
Figure 2. Test Circuit for PCI/SDRAM/AGP
Package Diagram
AMD-K7 is a registered trademark of Advanced Micro Devices.
48-LeadShrunkSmall OutlinePackageO48
51-85061-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com