Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY22K7PVC-1 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY22K7PVC-1
Description  133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7짰 Processor and AMD-750 Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22K7PVC-1 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY22K7PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY22K7PVC-1 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY22K7
Document #: 38-07333 Rev. OBS
Page 10 of 12
Figure 1. AMD CPU Load Circuit
Component Values
Symbol
Value
V1
3.3V
V2
1.5V
R1,3
95
Ω
R2
360
Ω
R4,5,6,7
500
Ω
R8,9
50
Ω
R10,11
150
Ω
C1,2
680 pF
C3,4
20 pF
T1,4
Z0 = 50Ω
length = 5”
T2,5
Z0 = 50Ω
length = 3”
T3,6
Z0 = 50Ω
length = 1”
VDD
VDDCPU
VDD
VDD
VDD
VDD
VDDCPU
VDDCPU
CPUCLK_T
CPUCLK_C
R11
R10
R9
R8
R1
R3
R2
R4
R5
R6
R7
C2
C1
C4
C3
K7 CLOCK INPUT
CY22K7
T1
T2
T3
T6
T5
T4
V1
V2
Observation Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com