Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C961KC/W Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C961KC/W
Description  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961KC/W Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C961KC/W Datasheet HTML 45Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 46Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 47Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 48Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 49Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 50Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 51Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 52Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
P R E L I M I N A R Y
AMD
1-523
Am79C961
and receive descriptor ring lengths. However, the ring
lengths can be manually defined (up to 65535) by writing
the
transmit
and
receive
ring
length
registers
(CSR76,78) directly.
Each ring entry contains the following information:
s The address of the actual message data buffer
in user or host memory
s The length of the message buffer
s Status information indicating the condition of
the buffer
Receive descriptor entries are similar (but not identical)
to transmit descriptor entries. Both are composed of four
registers, each 16 bits wide for a total of 8 bytes.
To permit the queuing and de-queuing of message buff-
ers, ownership of each buffer is allocated to either the
PCnet-ISA+ controller or the host. The OWN bit within
the descriptor status information, either TMD or RMD
(see section on TMD or RMD), is used for this purpose.
“Deadly Embrace” conditions are avoided by the owner-
ship mechanism. Only the owner is permitted to
relinquish ownership or to write to any field in the
descriptor entry. A device that is not the current owner of
a descriptor entry cannot assume ownership or change
any field in the entry.
Descriptor Ring Access Mechanism
At initialization, the PCnet-ISA+ controller reads the
base address of both the transmit and receive descriptor
rings into CSRs for use by the PCnet-ISA+ controller
during subsequent operation.
When transmit and receive functions begin, the base
address of each ring is loaded into the current descriptor
address registers and the address of the next descriptor
entry in the transmit and receive rings is computed and
loaded into the next descriptor address registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com