Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C961KC/W Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C961KC/W
Description  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961KC/W Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C961KC/W Datasheet HTML 78Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 173 page
background image
P R E L I M I N A R Y
AMD
1-556
Am79C961
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
TSEL
Transmit Mode Select. TSEL
controls the levels at which the
AUI drivers rest when the AUI
transmit port is idle. When TSEL
= 0, DO+ and DO- yield “zero” dif-
ferential to operate transformer
coupled loads (Ethernet 2 and
802.3). When TSEL = 1, the DO+
idles at a higher value with re-
spect to DO- , yielding a logical
HIGH state (Ethernet 1).
This bit only has meaning when
the AUI network interface is
selected. Not available under
Auto-Select Mode.
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
8-7
PORTSEL
Port Select bits allow for software
[1:0]
controlled selection of the net-
work medium. PORTSEL active
only when Media-Select Bit set to
0 in ISACSR2.
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
The network port configuration
are as follows:
PORTSEL[1:0]
Network Port
0 0
AUI
0 1
10BASE-T
1 0
GPSI*
1 1
Reserved
*Refer to the section on General Purpose Serial Interface for
detailed information on accessing GPSI.
6
INTL
Internal Loopback. See the de-
scription of LOOP, CSR15.2.
Read/write accessible only when
STOP bit is set.
5
DRTY
Disable Retry. When DRTY = “1”,
PCnet-ISA+ controller will at-
tempt only one transmission. If
DRTY = “0”, PCnet-ISA+ control-
ler will attempt to transmit 16
times before signaling a retry
error.
Read/write accessible only when
STOP bit is set.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
PCnet-ISA+ controller must be in
internal loopback for FCOLL to
be valid. If FCOLL = “1”, a colli-
sion
will
be
forced
during
loopback transmission attempts;
a Retry Error will ultimately re-
sult. If FCOLL = “0”, the Force
Collision logic will be disabled.
Read/write accessible only when
STOP bit is set.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS = 0, the trans-
mitter will generate and append a
FCS to the transmitted frame.
When DXMTFCS = 1, the FCS
logic is allocated to the receiver
and no FCS is generated or sent
with the transmitted frame.
See also the ADD_FCS bit in
TMD1. If DXMTFCS is set, no
FCS will be generated. If both
DXMTFCS is set and ADD_FCS
is clear for a particular frame, no
FCS
will
be
generated. If
ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry.
In loopback mode, this bit deter-
mines if the transmitter appends
FCS or if the receiver checks the
FCS.
This bit was called DTCR in the
LANCE (Am7990).
Read/write accessible only when
STOP bit is set.
2
LOOP
Loopback
Enable
allows
PCnet-ISA+ controller to operate
in full duplex mode for test pur-
poses.
When
LOOP
=
“1”,
loopback is enabled. In combina-
tion with INTL and MENDECL,
various loopback modes are de-
fined as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com