Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C961KC/W Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C961KC/W
Description  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961KC/W Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C961KC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 92Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 93Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 94Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 95Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 96Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 97Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 98Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 173 page
background image
P R E L I M I N A R Y
AMD
1-569
Am79C961
ISACSR7: LED3 Status
Bit
Name
Description
ISACSR7
controls
the
func-
tion(s)
that
the
LED3
pin
displays. Multiple functions can
be simultaneously enabled on
this LED pin. The LED display will
indicate the logical OR of the
enabled functions. ISACSR7 de-
faults to Transmit Status (XMT)
with pulse stretcher enabled
(PSE = 1) and is fully program-
mable.
15
LEDOUT
Indicates
the
current
(non-
stretched) state of the function(s)
generated. Read only.
14-8
RES
Reserved locations. Read and
written as zero.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination for each en-
abled function occurrence.
0 is disabled, 1 is enabled.
6
RES
Reserved locations. Read and
written as zero.
5
RCVADDM
Receive Address Match. This bit
when set allows for LED control
of only receive packets that
match internal address match.
4
XMT E
Enable Transmit Status Signal.
Indicates PCnet-ISA+ controller
transmit activity .
0 disables the signal, 1 enables
the signal.
Enable Receive Polarity Signal.
3
RVPOL E
Enables LED pin assertion when
receive polarity is correct on the
10BASE-T port. Clearing the bit
indicates this function is to be
ignored.
2
RCV E
Enable Receive Status Signal.
Indicates receive activity on the
network.
0 disables the signal, 1 enables
the signal.
1
JAB E
Enable Jabber Signal. Indicates
the PCnet-ISA+ controller is jab-
bering on the network.
0 disables the signal, 1 enables
the signal.
0
COL E
Enable Collision Signal. Indi-
cates collision activity on the
network.
0 disables the signal, 1 enables
the signal.
ISACSR8: Software Configuration Register
(Read-Only Register)
Bit
Description
15–12
Read-only image of SR_AM(3:0) of P&P
register 0x48 - 0x49.
11–8
Read-only image of BP_AM(3:0) of P&P
register 0x40 - 0x41.
7–4
Read-only image of IRQSEL(3:0) of P&P
register 0x70.
3
Reserved, written with zero,
read as undefined.
2–0
Read-only image of DMASEL(2:0) of
P&P register 0x74.
Initialization Block
The figure below shows the Initialization Block memory
configuration. Note that the Initialization Block must be
based on a word (16-bit) boundary.
Bits
Bits
Bits
Bits
Address
15–12
11–8
7–4
3–0
IADR+00
MODE 15-00
IADR+02
PADR 15-00
IADR+04
PADR 31-16
IADR+06
PADR 47-32
IADR+08
LADRF 15-00
IADR+10
LADRF 31-16
IADR+12
LADRF 47-32
IADR+14
LADRF 63-48
IADR+16
RDRA 15-00
IADR+18
RLEN
RES
RDRA 23-16
IADR+20
TDRA 15-00
IADR+22
TLEN
RES
TDRA 23-16
RLEN and TLEN
The TLEN and RLEN fields in the initialization block are
3 bits wide, occupying bits 15,14, and 13, and the value
in these fields determines the number of Transmit and
Receive Descriptor Ring Entries (DRE) which are used
in the descriptor rings. Their meaning is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com