Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C961KC/W Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C961KC/W
Description  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961KC/W Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C961KC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 86Page - Advanced Micro Devices AM79C961KC/W Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 173 page
background image
P R E L I M I N A R Y
AMD
1-557
Am79C961
LOOP
INTL
MENDECL
Loopback Mode
0
X
X
Non-loopback
1
0
X
External Loopback
1
1
0
Internal Loopback Include
MENDEC
1
1
1
Internal Loopback Exclude
MENDEC
Read/write accessible only when
STOP bit is set. LOOP is cleared
by RESET.
1
DTX
Disable Transmit. If this bit is set,
the PCnet-ISA+ controller will not
access the Transmit Descriptor
Ring and, therefore, no transmis-
sions will occur. DTX = “0” will set
TXON bit (CSR0.4) after STRT
(CSR0.1) is asserted. DTX is de-
fined after the initialization block
is read.
Read/write accessible only when
STOP bit is set.
0
DRX
Disable Receiver. If this bit is set,
the PCnet-ISA+ controller will not
access the Receive Descriptor
Ring and, therefore, all receive
frame data are ignored. DRX =
“0” will set RXON bit (CSR0.5) af-
ter STRT (CSR0.1) is asserted.
DRX is defined after the initializa-
tion block is read.
Read/write accessible only when
STOP bit is set.
CSR16: Initialization Block Address Lower
Bit
Name
Description
15-0
IADR
Lower 16 bits of the address of
the Initialization Block. Bit loca-
tion 0 must be zero. This register
is an alias of CSR1. Whenever
this register is written, CSR1 is
updated with CSR16’s contents.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by RESET.
CSR17: Initialization Block Address Upper
Bit
Name
Description
15-8
RES
Reserved locations. Written as
zero and read as undefined.
7-0
IADR
Upper 8 bits of the address of the
Initialization Block. Bit locations
15-8 must be written with zeros.
This register is an alias of CSR2.
Whenever this register is written,
CSR2 is updated with CSR17’s
contents.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by RESET.
CSR18-19: Current Receive Buffer Address
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
CRBA
Contains the current receive
buffer address to which the
PCnet-ISA+ controller will store
incoming frame data.
Read/write accessible only when
STOP bit is set.
CSR20-21: Current Transmit Buffer Address
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
CXBA
Contains the current transmit
buffer address from which the
PCnet-ISA+ controller is transmit-
ting.
Read/write accessible only when
STOP bit is set.
CSR22-23: Next Receive Buffer Address
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
NRBA
Contains the next receive buffer
address to which the PCnet-ISA+
controller will store incoming
frame data.
Read/write accessible only when
STOP bit is set.
CSR24-25: Base Address of Receive Ring
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
BADR
Contains the base address of the
Receive Ring.
Read/write accessible only when
STOP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com