Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X06M05 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 3 Page - Texas Instruments

  AMC0X06M05 Datasheet HTML 1Page - Texas Instruments AMC0X06M05 Datasheet HTML 2Page - Texas Instruments AMC0X06M05 Datasheet HTML 3Page - Texas Instruments AMC0X06M05 Datasheet HTML 4Page - Texas Instruments AMC0X06M05 Datasheet HTML 5Page - Texas Instruments AMC0X06M05 Datasheet HTML 6Page - Texas Instruments AMC0X06M05 Datasheet HTML 7Page - Texas Instruments AMC0X06M05 Datasheet HTML 8Page - Texas Instruments AMC0X06M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
4 Device Comparison Table
PARAMETER
AMC0206M05 (1)
AMC0306M05
Isolation rating per VDE 0884-17
Basic
Reinforced
Package
Narrow-body SOIC (D)
Wide-body SOIC (DWV)
(1)
Product Preview information (not Production Data).
5 Pin Configuration and Functions
DVDD
CLKIN
DGND
DOUT
8
7
6
5
AVDD
INP
INN
AGND
1
2
3
4
Not to scale
Figure 5-1. DWV and D Packages, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
AVDD
High-side power
Analog (high-side) power supply(1)
2
INP
Analog input
Noninverting analog input(2)
3
INN
Analog Input
Inverting analog input(2)
4
AGND
High-side ground
Analog (high-side) ground
5
DGND
Low-side ground
Digital (low-side) ground
6
DOUT
Digital output
Modulator data output
7
CLKIN
Digital input
Modulator clock input with internal pull-down resistor (typical value:
1.5MΩ).
8
DVDD
Low-side power
Digital (low-side) power supply(1)
(1)
See the Power Supply Recommendation section for power-supply decoupling recommendations.
(2)
See the Input Filter Design section for input filter design.
www.ti.com
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC0206M05 AMC0306M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com