Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X06M05 Datasheet(PDF) 32 Page - Texas Instruments

Part # AMC0X06M05
Description  AMC0x06M05 Precision, ±50mV Input Isolated Delta-Sigma Modulators With External Clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X06M05 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC0X06M05 Datasheet HTML 28Page - Texas Instruments AMC0X06M05 Datasheet HTML 29Page - Texas Instruments AMC0X06M05 Datasheet HTML 30Page - Texas Instruments AMC0X06M05 Datasheet HTML 31Page - Texas Instruments AMC0X06M05 Datasheet HTML 32Page - Texas Instruments AMC0X06M05 Datasheet HTML 33Page - Texas Instruments AMC0X06M05 Datasheet HTML 34Page - Texas Instruments AMC0X06M05 Datasheet HTML 35Page - Texas Instruments AMC0X06M05 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3.3V or 5V
Low-side supply voltage
3.3V or 5V
Voltage drop across RSHUNT for a linear response
±50mV(maximum)
8.2.2 Detailed Design Procedure
In the Typical Application figure, the high-side power supply (VDD1) for the AMC0x06M05 is derived from the
floating power supply of the upper gate driver.
The floating ground reference (GND1) is derived from the end of the shunt resistor that is connected to the
negative input of the AMC0x06M05 (INN). If a four-pin shunt is used, the inputs of the AMC0x06M05 are
connected to the inner leads. GND1 is then connected to the outer lead on the INN-side of the shunt. To
minimize offset and improve accuracy, route the ground connection as a separate trace that connects directly to
the shunt resistor. Do not short GND1 to INN directly at the device input; see the Layout Example section for
more details.
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current:
VSHUNT = I × RSHUNT
(2)
Select a RSHUNT value to satisfy the following two conditions:
• First, the voltage drop caused by the nominal current range does not exceed the recommended differential
input voltage range of VSHUNT ≤ ±50mV.
• Secondly, the voltage drop caused by the maximum allowed overcurrent does not exceed the input voltage
that causes a clipping output. Keep VSHUNT ≤ VClipping.
AMC0206M05, AMC0306M05
SBASAY8 – OCTOBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0206M05 AMC0306M05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com